Electronic Components Datasheet Search
  English  ▼

X  

DN6849S Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # DN6849S
Description  Hall IC(Operating Temperature Range Topr = - 40 to -100째C, Operating in Alternative Magnetic Field)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

DN6849S Datasheet(HTML) 3 Page - Panasonic Semiconductor

  DN6849S Datasheet HTML 1Page - Panasonic Semiconductor DN6849S Datasheet HTML 2Page - Panasonic Semiconductor DN6849S Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
s Precaution on Use
1. Change of the operation magnetic flux density does not depend on the supply
voltage, because the stabilization power supply is built-in. (only for the range ;
VCC= 4.5 to 16V)
2. Change from “H” to “L” level increases the supply current by approx. 1mA.
Sample 2, BL to H
Ambient temperature (˚C)
Supply voltage – Ambient temperature
8
7
6
5
4
3
2
1
0
–50 –25
0
25
50
75 100 125
VCC = 4.5V
VCC = 16V
Ambient temperature (˚C)
Operating flux density – Ambient temperature
20
10
0
–10
–20
–50 –25
0
25
50
VCC = 12V
75 100 125
Sample 2, BH to L
Sample
3, B
H to L
Sample 1, B
H to L
Sample 3,
B
L to H
Sample 1,
BL to H
Ambient temperature (˚C)
Output low level voltage – Ambient temperature
100
90
80
70
60
50
40
30
20
10
0
–50 –25
0
25
50
VCC = 12V
IO = 12mA
75 100 125
Supply voltage (V)
Operating flux density – Supply voltage
20
10
0
–10
–20
02468
10 12 14 16 18 20
Ta = 25˚C
BH to L
BL to H
s Characteristics Curve



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com