Electronic Components Datasheet Search
  English  ▼

X  

GS74117AX Datasheet(PDF) 4 Page - GSI Technology

Part # GS74117AX
Description  256K x 16 4Mb Asynchronous SRAM
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GSI [GSI Technology]
Direct Link  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS74117AX Datasheet(HTML) 4 Page - GSI Technology

  GS74117AX Datasheet HTML 1Page - GSI Technology GS74117AX Datasheet HTML 2Page - GSI Technology GS74117AX Datasheet HTML 3Page - GSI Technology GS74117AX Datasheet HTML 4Page - GSI Technology GS74117AX Datasheet HTML 5Page - GSI Technology GS74117AX Datasheet HTML 6Page - GSI Technology GS74117AX Datasheet HTML 7Page - GSI Technology GS74117AX Datasheet HTML 8Page - GSI Technology GS74117AX Datasheet HTML 9Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Rev: 1.02 10/2002
4/12
© 2001, Giga Semiconductor, Inc.
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
GS74117AX
Notes:
1. Tested at TA = 25°C, f = 1 MHz
2. These parameters are sampled and are not 100% tested.
Capacitance
Parameter
Symbol
Test Condition
Max
Unit
Input Capacitance
CIN
VIN = 0 V
5
pF
Output Capacitance
COUT
VOUT = 0 V
7
pF
DC I/O Pin Characteristics
Parameter
Symbol
Test Conditions
Min
Max
Input Leakage
Current
IIL
VIN = 0 to VDD
– 1 uA
1 uA
Output Leakage
Current
ILO
Output High Z
VOUT = 0 to VDD
–1 uA
1 uA
Output High Voltage
VOH
IOH = –4 mA
2.4
—
Output Low Voltage
VOL
ILO = +4 mA
—
0.4 V
Power Supply Currents
Parameter
Symbol
Test Conditions
0 to 70°C
–40 to 85°C
Unit
7 ns
8 ns
10 ns
12 ns
7 ns
8 ns
10 ns
12 ns
Operating
Supply
Current
IDD
CE
≤ VIL
All other inputs
≥ VIH or ≤ VIL
Min. cycle time
IOUT = 0 mA
150
130
105
90
160
140
115
100
mA
Standby
Current
ISB1
CE
≥ VIH
All other inputs
≥ VIH or ≤VIL
Min. cycle time
28
30
25
22
38
40
35
32
mA
Standby
Current
ISB2
CE
≥ VDD – 0.2 V
All other inputs
≥ VDD – 0.2 V or ≤ 0.2 V
10
20
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com