Electronic Components Datasheet Search
  English  ▼

X  

ACV33112 Datasheet(PDF) 1 Page - Nais(Matsushita Electric Works)

Part # ACV33112
Description  AUTOMOTIVE LOW PROFILE MICRO-ISO/MICRO-280 RELAY
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NAIS [Nais(Matsushita Electric Works)]
Direct Link  
Logo NAIS - Nais(Matsushita Electric Works)

ACV33112 Datasheet(HTML) 1 Page - Nais(Matsushita Electric Works)

  ACV33112 Datasheet HTML 1Page - Nais(Matsushita Electric Works) ACV33112 Datasheet HTML 2Page - Nais(Matsushita Electric Works) ACV33112 Datasheet HTML 3Page - Nais(Matsushita Electric Works) ACV33112 Datasheet HTML 4Page - Nais(Matsushita Electric Works)  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
CV
1
CV-RELAYS
AUTOMOTIVE LOW PROFILE
MICRO-ISO/MICRO-280
RELAY
Micro ISO 1c type
Micro ISO 1a type
Micro 280 plug-in type Micro 280 PCB type
FEATURES
• Low profile:
22.5 mm(L)
×15 mm(W)×15.7 mm(H)
.886 inch(L)
×.591 inch(W)×.618 inch(H)
• Low temperature rise
Terminal temperature has been reduced
compared with using our conventional
product
• Low sound pressure level
Noise level has been reduced
approx.10dB compared with using our
conventional product.
• Wide line-up
Micro ISO/Micro 280 terminal types and
resistor and diode inside type, PCB
terminal type (Micro 280 only).
• Plastic sealed type
Plastically sealed for automatic cleaning.
SPECIFICATIONS
Contact
Remarks
* Specifications will vary with foreign standards certification ratings.
*1 At nominal switching capacity, operating frequency: 2s ON, 2s OFF
*2 Measurement at same location as “Initial breakdown voltage” section.
*3 Detection current: 10mA
*4 Excluding contact bounce time.
*5 Half-wave pulse of sine wave: 11 ms; detection time: 10
µs
*6 Half-wave pulse of sine wave: 6 ms
*7 Detection time: 10
µs
*8 Time of vibration for each direction;
X, Y, Z direction: 4 hours
*9 Refer to 5. Usage, transport and storage condition mentioned in NOTES
*10 Ambient temperature 125°C 257°F type is also available. Please contact us for
details.
Characteristics
Arrangement
1 Form A
1 Form C
Contact material
Silver alloy
Initial contact resistance,
max. (By voltage drop 6 V
DC 1 A)
50m
Ω
Initial contact voltage drop,
max.
N.O.: 0.2 V
(at 20 A switching)
N.O.: 0.2 V
(at 20 A switching)
N.C.: 0.5 V
(at 10 A switching)
Rating
Nominal
switching
capacity
N.O.: 20 A 14 V DC
N.O.: 20 A 14 V DC
N.C.: 10 A 14 V DC
Max. carrying
current
(14 V DC,
at 85
°C 185°F)
N.O.: 20 A
N.O.: 20 A
N.C.: 10 A
Expected
life (min.
operation)
Mechanical
(at 120 cpm)
Min. 106
Electrical
(at rated load)
Min. 105*1
X
Y
Z
Max. operating speed
(at nominal switching capacity)
15cpm
Initial insulation resistance *2
Min. 20M
Ω
(at 500 V DC)
Initial
breakdown
voltage *3
Between open contacts
500 Vrms for 1min.
Between contacts and coil
500 Vrms for 1min.
Operate time *4
(at nominal voltage) (at 20
°C 68°F)
Max. 10ms
Release time (without diode) *4
(at nominal voltage) (at 20
°C 68°F)
Max. 10ms
Shock resistance
Functional *5
Min. 100 m/s2{10 G}
Destructive *6
Min. 1,000 m/s2{100 G}
Vibration resistance
Functional *7
10 to 100 Hz,
Min.44.1 m/s2 {4.5 G}
Destructive *8
10 to 500 Hz,
Min.44.1 m/s2 {4.5 G}
Conditions in case of
operation, transport and
storage *9
(Not freezing and condensing
at low temperature)
Ambient
temp*10
–40 to +85
°C
–40 to +185
°F
Humidity
25 to 85% R.H.
Unit weight
Approx. 15.0g .53 oz
TYPICAL APPLICATIONS
Automotive system
Condenser fan, Wiper, Defogger, Magnet clutch, Radiator fan,
Foglamp, Auto cruise control, Horn, Heater, Air Compressor
cv.fm
1
y [ W
QOOPNPQ
PPœ@˛jœ@
ªR
QQ“


Similar Part No. - ACV33112

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ACV31012 PANASONIC-ACV31012 Datasheet
89Kb / 4P
AUTOMOTIVE LOW PROFILE MICRO-ISO RELAY Headlights
ACV31012 PANASONIC-ACV31012_12 Datasheet
89Kb / 4P
AUTOMOTIVE LOW PROFILE MICRO-ISO RELAY Headlights
More results

Similar Description - ACV33112

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G8HN OMRON-G8HN Datasheet
156Kb / 5P
Micro ISO Automotive Relay
G8H OMRON-G8H Datasheet
247Kb / 8P
Micro ISO Automotive Relay
G8HN OMRON-G8HN_1 Datasheet
252Kb / 8P
Micro ISO Automotive Relay
G8V-RH OMRON-G8V-RH Datasheet
581Kb / 5P
High-Current Micro 280 Automotive Relay
logo
Panasonic Semiconductor
ACV31012 PANASONIC-ACV31012_12 Datasheet
89Kb / 4P
AUTOMOTIVE LOW PROFILE MICRO-ISO RELAY Headlights
ACR22 PANASONIC-ACR22 Datasheet
89Kb / 4P
AUTOMOTIVE LOW PROFILE MICRO-ISO RELAY
logo
Omron Electronics LLC
G8VA OMRON-G8VA Datasheet
444Kb / 2P
Automotive low profile micro 280 terminal layout relay
logo
American Electronic Com...
DG91 AEC-DG91 Datasheet
275Kb / 3P
micro 280 automotive relay
logo
Picker Components
PC781 PICKER-PC781 Datasheet
444Kb / 2P
15 Amp Micro ISO 280 Automotive Plug-In Relay
logo
Willow Technologies Ltd
DG91 WILLOW-DG91 Datasheet
269Kb / 3P
micro 280 automotive relay
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com