Electronic Components Datasheet Search
  English  ▼

X  

MM54HC7266 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # MM54HC7266
Description  Quad 2-Input Exclusive NOR Gate
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

MM54HC7266 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  MM54HC7266 Datasheet HTML 1Page - National Semiconductor (TI) MM54HC7266 Datasheet HTML 2Page - National Semiconductor (TI) MM54HC7266 Datasheet HTML 3Page - National Semiconductor (TI) MM54HC7266 Datasheet HTML 4Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
AC Electrical Characteristics VCCe5V TAe25 C CLe15 pF tretfe6ns
Symbol
Parameter
Conditions
Typ
Guaranteed
Units
Limit
tPHL tPLH
Maximum Propagation
12
20
ns
Delay
AC Electrical Characteristics VCC e 20V to 60V CL e 50 pF tr e tf e 6 ns (unless otherwise specified)
TAe25 C
74HC
54HC
Symbol
Parameter
Conditions
VCC
TAeb40 Cto85 CTAeb55 Cto125 C
Units
Typ
Guaranteed Limits
tPHL tPLH
Maximum Propagation
20V
60
120
151
179
ns
Delay
45V
12
24
30
36
ns
60V
10
20
26
30
ns
tTHL tTLH
Maximum Output Rise
20V
30
75
95
110
ns
and Fall Time
45V
8
15
19
22
ns
60V
7
13
16
19
ns
CPD
Power Dissipation
(per gate)
25
pF
Capacitance (Note 5)
CIN
Maximum Input
5
10
10
10
pF
Capacitance
Note 5
CPD determines the no load dynamic power consumption PDeCPD VCC2 faICC VCC and the no load dynamic current consumption ISeCPD VCC faICC
3



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com