Electronic Components Datasheet Search
  English  ▼

X  

ROB-12197 Datasheet(PDF) 1 Page - SparkFun Electronics

Part # ROB-12197
Description  Tube - Aluminum (1OD x 12L x 0.82ID)
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPARKFUN [SparkFun Electronics]
Direct Link  https://www.sparkfun.com/
Logo SPARKFUN - SparkFun Electronics

ROB-12197 Datasheet(HTML) 1 Page - SparkFun Electronics

  ROB-12197 Datasheet HTML 1Page - SparkFun Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Tube - Aluminum (1"OD x 12"L x 0.82"ID)
ROB-12197
Description: These 12" long aluminum tubes have an outer diameter of 1", an inner
diameter of 0.82", and a wall thickness of 0.09". When used with the mating tube
clamps, these can be used for versatile structural support. Additionally, wires and
cables can easily be run through the center.
Dimensions:
• Length - 12.0"
•OD - 1"
• ID - 0.82"
• Width - 0.09"
8/4/2016
https://www.sparkfun.com/products/12197


Similar Part No. - ROB-12197

ManufacturerPart #DatasheetDescription
logo
SparkFun Electronics
ROB-12190 SPARKFUN-ROB-12190 Datasheet
94Kb / 1P
Precision Gearmotor - 6 RPM (6-12V)
11/24/2015
ROB-12193 SPARKFUN-ROB-12193 Datasheet
136Kb / 1P
Shaft Spacer - 1
8/4/2016
ROB-12194 SPARKFUN-ROB-12194 Datasheet
92Kb / 1P
Crossover Plate A
2/12/2016
ROB-12195 SPARKFUN-ROB-12195 Datasheet
97Kb / 1P
Precision Disc Wheel - 2 (Clear, 2 Pack)
2/12/2016
ROB-12196 SPARKFUN-ROB-12196 Datasheet
94Kb / 1P
Set Screw Hub - 5/16 Bore
2/5/2016
More results

Similar Description - ROB-12197

ManufacturerPart #DatasheetDescription
logo
SparkFun Electronics
ROB-12155 SPARKFUN-ROB-12155 Datasheet
118Kb / 1P
Tube - Aluminum (1OD x 18L x 0.82ID)
8/3/2016
ROB-12173 SPARKFUN-ROB-12173 Datasheet
90Kb / 1P
Tube - Aluminum (1OD x 24L x 0.82ID)
8/3/2016
ROB-12253 SPARKFUN-ROB-12253 Datasheet
89Kb / 1P
Tube - Stainless (1OD x 12L x 0.88ID)
8/3/2016
ROB-12294 SPARKFUN-ROB-12294 Datasheet
91Kb / 1P
Tube - Aluminum (1OD x 8.0L x 0.82ID)
8/4/2016
ROB-12301 SPARKFUN-ROB-12301 Datasheet
133Kb / 1P
Tube - Aluminum (1OD x 10L x 0.82ID)
8/4/2016
ROB-12356 SPARKFUN-ROB-12356 Datasheet
91Kb / 1P
Tube - Aluminum (1OD x 16L x 0.82ID)
8/3/2016
ROB-12375 SPARKFUN-ROB-12375 Datasheet
91Kb / 1P
Tube - Aluminum (1OD x 14L x 0.82ID)
8/3/2016
ROB-12460 SPARKFUN-ROB-12460 Datasheet
91Kb / 1P
Tube - Aluminum (1OD x 4.0L x 0.82ID)
8/3/2016
ROB-12520 SPARKFUN-ROB-12520 Datasheet
162Kb / 1P
Tube - Aluminum (1OD x 2.0L x 0.82ID)
8/3/2016
ROB-12538 SPARKFUN-ROB-12538 Datasheet
92Kb / 1P
Tube - Aluminum (1OD x 6.0L x 0.82ID)
8/3/2016
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com