Electronic Components Datasheet Search
  English  ▼

X  

MAX9547 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX9547
Description  Differential Video Interface Chipset
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9547 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX9547 Datasheet HTML 1Page - Maxim Integrated Products MAX9547 Datasheet HTML 2Page - Maxim Integrated Products MAX9547 Datasheet HTML 3Page - Maxim Integrated Products MAX9547 Datasheet HTML 4Page - Maxim Integrated Products MAX9547 Datasheet HTML 5Page - Maxim Integrated Products MAX9547 Datasheet HTML 6Page - Maxim Integrated Products MAX9547 Datasheet HTML 7Page - Maxim Integrated Products MAX9547 Datasheet HTML 8Page - Maxim Integrated Products MAX9547 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Differential Video Interface Chipset
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Note 1: The Absolute Maximum Ratings of OUT+/OUT- for the MAX9546 and IN+/IN- for the MAX9547 are based on a single-fault
condition, i.e. only one output of MAX9546 (or both outputs together) is shorted to the battery, VCC or GND. The devices will
not survive a double-fault condition, i.e. OUT+ and OUT- shorted to different supplies.
(Voltages are referenced GND.)
VCC to GND ............................................................-0.3V to +11V
IN and FAULT (MAX9546)......................... -0.3V to (VCC + 0.3V)
OUT+, OUT- (MAX9546) (Note 1) .............................-2V to +16V
FAULT Short-Circuit Duration to
VCC or GND (MAX9546) .........................................Continuous
IN+, IN- (MAX9547) (Note 1).....................................-2V to +16V
IOUT, LOS, ZT+, ZT- (MAX9547) ...............-0.3V to (VCC + 0.3V)
Differential Input Voltage (|VIN+ - VIN-|) (MAX9547)...............+5V
IOUT, LOS Short-Circuit Duration to
VCC or GND (MAX9547) .........................................Continuous
Continuous Power Dissipation (TA = +70°C)
8-Pin SO (derate 19.2mW/°C above +70°C)...............1538mW
Operating Temperature Range ...........................-40°C to +85°C
Junction Temperature ..................................................... +150°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Supply Voltage Range
VCC
Guaranteed by PSRR
7.5
8.5
10.0
V
Quiescent Supply Current
ICC
No load
64
112
mA
Voltage Gain
AV
VIN = 1.2VP-P (Note 3)
1.8
2
2.2
V/V
Input-Voltage Swing
VIN
Guaranteed by AV
1.2
VP-P
Input Clamp Voltage
VCLMP
(Note 4)
3.46
V
Input Clamp Current
ICLMP
(Note 4)
7
13
µA
Input Resistance
RIN
(Notes 4, 5)
500
k
Ω
Output Common-Mode Voltage
VCOM
3.0
3.25
3.4
V
Output Impedance
ROUT
0.1
Ω
OUT+ and/or OUT- to +16V
9
OUT+ and/or OUT- to + (VCC - 2V)
2
OUT+ and/or OUT- to +2V
4
OUT+ and/or OUT- to -2V
7
OUT+ and/or OUT- to +16V, VCC
unconnected
6
Output Fault Current
IF(OUT)
OUT+ or OUT- to -2V, VCC unconnected
24
mA
Differential mode
45
62
Power-Supply Rejection Ratio
PSRR
VCC from 7.5V to
10V (Note 6)
Common mode
46
52
dB
FAULT Output Logic Level
VOL, ISINK = 1.6mA (Note 7)
0.4
V
FAULT Output Leakage Current
0.01
µA
DC ELECTRICAL CHARACTERISTICS—MAX9546
(VCC = +8.5V, RL = 220
Ω between OUT+ and OUT-, TA = -40°C to +85°C. Typical values are at TA = +25°C, unless otherwise
noted.) (Note 2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com