Electronic Components Datasheet Search
  English  ▼

X  

SSD1820A Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # SSD1820A
Description  LCD Segment / Common Driver with Controller CMOS
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SSD1820A Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button SSD1820A Datasheet HTML 17Page - List of Unclassifed Manufacturers SSD1820A Datasheet HTML 18Page - List of Unclassifed Manufacturers SSD1820A Datasheet HTML 19Page - List of Unclassifed Manufacturers SSD1820A Datasheet HTML 20Page - List of Unclassifed Manufacturers SSD1820A Datasheet HTML 21Page - List of Unclassifed Manufacturers SSD1820A Datasheet HTML 22Page - List of Unclassifed Manufacturers SSD1820A Datasheet HTML 23Page - List of Unclassifed Manufacturers SSD1820A Datasheet HTML 24Page - List of Unclassifed Manufacturers SSD1820A Datasheet HTML 25Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 43 page
background image
SOLOMON
SSD1820A/21
21
REV 1.4
01/03
tional Description.
To write data to the GDDRAM, input Low to R/W(WR) pin and High to D/ C pin for 6800-series parallel mode. For serial interface, it will
always be in write mode. GDDRAM column address pointer will be increased by one automatically after each data write. The address will
be reset to 0 in next data read/write operation is executed when it is 127.
Address Increment Table (Automatic)
Address Increment is done automatically after data read/write. The column address pointer of GDDRAM is also affected. It will be reset
to 0 in next data read/write operation is executed when it is 127.
Commands Required for R/W(WR) Actions on RAM
* No need to resend the command again if it is set previously.
The read / write action to the Display Data RAM does not depend on the display mode. This means the user can change the RAM content
whether the target RAM content is being displayed or not.
D/ C
R/W(WR)
Comment
Address Increment
0
0
Write Command
No
0
1
Read Status
No
1
0
Write Data
Yes
1
1
Read Data
Yes
R/W(WR) Actions on RAMs
Commands Required
Read/Write Data from/to GDDRAM.
Set GDDRAM Page Address
Set GDDRAM Column Address
Read/Write Data
(1011X3X2X1X0)*
(0001X3X2X1X0)*
(0000X3X2X1X0)*
(X 7X6X5X4X3X2X1X0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com