Electronic Components Datasheet Search
  English  ▼

X  

09200035452 Datasheet(PDF) 1 Page - HARTING Technology Group

Part # 09200035452
Description  Han 3A Thermopl Cover black Lever loop25
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HARTING [HARTING Technology Group]
Direct Link  https://www.harting.com/US/en
Logo HARTING - HARTING Technology Group

09200035452 Datasheet(HTML) 1 Page - HARTING Technology Group

  09200035452 Datasheet HTML 1Page - HARTING Technology Group 09200035452 Datasheet HTML 2Page - HARTING Technology Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product data sheet
09 20 003 5452
Han 3A Thermopl Cover black Lever loop25
Han 3A Thermopl Cover black Lever loop25
Part number
09 20 003 5452
Specification
Han 3A Thermopl Cover black Lever
loop25
HARTING eCatalogue
https://b2b.harting.com/09200035452
Identification
Category
Hoods/Housings
Series of hoods/housings
Han A®
Type of hood/housing
Protection cover
Description of hood/housing
for hoods
Thermoplastic
With fixing cord
Version
Size
3 A
Locking type
Single locking lever
Field of application
Standard Hoods/housings for industrial applications
Details
for mounted male insert
Technical characteristics
Limiting temperature
-40 ... +125 °C
Degree of protection acc. to IEC 60529
IP44
IP65 / IP67 with seal screw 09 20 000 9918
Type rating acc. to UL 50 / UL 50E
4
4X
12
Material properties
Material (hood/housing)
Polycarbonate (PC)
Colour (hood/housing)
Black
Material (locking)
Polyamide (PA)
Colour (locking)
Black
Page 1 / 2 | Creation date 2021-10-01 | Please note that the data specified here were taken as extracts from the online catalogue. Please refer to
the user documentation for the complete and up-to-date information and data. Please also note that the user is responsible for validating functionality,
conformity with applicable laws and directives, as well as for the electrical safety in the particular application.
HARTING Electric Stiftung & Co. KG | Wilhelm-Harting-Straße 1 | 32339 Espelkamp | Germany
Phone +49 5772 47-97100 | electric@HARTING.com | www.HARTING.com


Similar Part No. - 09200035452

ManufacturerPart #DatasheetDescription
logo
HARTING Technology Grou...
09200035450 HARTING-09200035450 Datasheet
456Kb / 2P
Han 3A-AK (Kunstst. sw) Protection cover
09200035455 HARTING-09200035455 Datasheet
601Kb / 2P
Han 3A CP, black, cord/loop
2021-11-17
More results

Similar Description - 09200035452

ManufacturerPart #DatasheetDescription
logo
HARTING Technology Grou...
09-20-003-5432 HARTING-09-20-003-5432 Datasheet
471Kb / 2P
Han 3A-metal cover with seal
09-20-003-5421 HARTING-09-20-003-5421 Datasheet
495Kb / 2P
Han 3A Protect Cover, 1 Lever, Die Cast
09-20-003-5426 HARTING-09-20-003-5426 Datasheet
462Kb / 2P
Han 3A-AK Protection cover
09-20-003-5427 HARTING-09-20-003-5427 Datasheet
451Kb / 2P
Han 3A Protect Cover
09-20-003-5445 HARTING-09-20-003-5445 Datasheet
457Kb / 2P
Han 3A Thermopl. Cover, Sealing for Base
09-20-003-5450 HARTING-09-20-003-5450 Datasheet
456Kb / 2P
Han 3A-AK (Kunstst. sw) Protection cover
09-30-016-0318 HARTING-09-30-016-0318 Datasheet
489Kb / 2P
Han 16B-HBM single lever metal cover housing
09-30-710-0303 HARTING-09-30-710-0303 Datasheet
439Kb / 2P
Han B Base Panel 1 Lever black w/cover housing
09-37-048-0301 HARTING-09-37-048-0301 Datasheet
483Kb / 2P
Han 48M Base Panel 1 Lever Cover housing
09-00-000-5410 HARTING-09-00-000-5410 Datasheet
471Kb / 1P
Han 3A lever, black
2021-12-17
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com