Electronic Components Datasheet Search
  English  ▼

X  

SSD1821 Datasheet(PDF) 30 Page - List of Unclassifed Manufacturers

Part # SSD1821
Description  LCD Segment / Common Driver with Controller CMOS
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SSD1821 Datasheet(HTML) 30 Page - List of Unclassifed Manufacturers

Back Button SSD1821 Datasheet HTML 26Page - List of Unclassifed Manufacturers SSD1821 Datasheet HTML 27Page - List of Unclassifed Manufacturers SSD1821 Datasheet HTML 28Page - List of Unclassifed Manufacturers SSD1821 Datasheet HTML 29Page - List of Unclassifed Manufacturers SSD1821 Datasheet HTML 30Page - List of Unclassifed Manufacturers SSD1821 Datasheet HTML 31Page - List of Unclassifed Manufacturers SSD1821 Datasheet HTML 32Page - List of Unclassifed Manufacturers SSD1821 Datasheet HTML 33Page - List of Unclassifed Manufacturers SSD1821 Datasheet HTML 34Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 43 page
background image
SSD1820A/21
30
REV 1.4
01/03
SOLOMON
TABLE 4b. Parallel Timing Characteristics (TA=-40 to 85°C, VDD=1.8V, VSS=0V)
Symbol
Parameter
Min
Typ
Max
Unit
tcycle
Clock Cycle Time (write cycle)
80
-
-
ns
tAS
Address Setup Time
0
-
-
ns
tAH
Address Hold Time
0
-
-
ns
tDSW
Write Data Setup Time
15
-
-
ns
tDHW
Write Data Hold Time
5
-
-
ns
tDHR
Read Data Hold Time
15
-
-
ns
tOH
Output Disable Time
-
-
40
ns
tACC
Access Time (RAM)
Access Time (command)
-
-
-
-
100
35
ns
ns
PWCSL
Chip Select Low Pulse Width (read RAM)
Chip Select Low Pulse Width (read Command)
Chip Select Low Pulse Width (write)
120
55
20
-
-
-
-
-
-
ns
ns
ns
PWCSH
Chip Select High Pulse Width (read)
Chip Select High Pulse Width (write)
40
40
-
-
-
-
ns
ns
tR
Rise Time
-
-
10
ns
tF
Fall Time
-
-
10
ns
Valid Data
tcycle
tDSW
tAS
tAH
tDHR
tACC
CS
D/ C
D0-D7
RD (E)
Valid Data
D0-D7
(Write data to driver)
(Read data from driver)
tDHW
PW CSL
PWCSH
tF
tR
tOH
WR (R/W)
Figure 2b. Parallel 8080-series Interface Timing Characteristics (PS0 = H, PS1 = L)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com