Electronic Components Datasheet Search
  English  ▼

X  

TLV3601 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TLV3601
Description  TLV3601-Q1, TLV3603-Q1 325 MHz High-Speed Comparator with 2.5 ns Propagation Delay
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV3601 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TLV3601 Datasheet HTML 9Page - Texas Instruments TLV3601 Datasheet HTML 10Page - Texas Instruments TLV3601 Datasheet HTML 11Page - Texas Instruments TLV3601 Datasheet HTML 12Page - Texas Instruments TLV3601 Datasheet HTML 13Page - Texas Instruments TLV3601 Datasheet HTML 14Page - Texas Instruments TLV3601 Datasheet HTML 15Page - Texas Instruments TLV3601 Datasheet HTML 16Page - Texas Instruments TLV3601 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
6.7 Typical Characteristics (continued)
At TA = 25°C, VCC - VEE = 2.5 V to 5 V, VCM = 300 mV, RHYST = 150 kΩ (TLV3603-Q1 only), and input overdrive = 50 mV,
unless otherwise noted.
Input Overdrive (mV)
10
20
30 40 50 70 100
200 300
500 700 1000
1.5
2
2.5
3
3.5
4
4.5
-40
C
25
C
85
C
125
C
Figure 6-39. Propagation Delay, Low to High, 2.5 V
Input Overdrive (mV)
10
20
30 40 50 70 100
200 300
500 700 1000
1.5
2
2.5
3
3.5
4
4.5
-40
C
25
C
85
C
125
C
Figure 6-40. Propagation Delay, High to Low, 2.5 V
Figure 6-41. Propagation Delay, Low to High, 3.3 V
Input Overdrive (mV)
10
20
30 40 50 70 100
200 300
500 700 1000
1.5
2
2.5
3
3.5
4
4.5
-40
C
25
C
85
C
125
C
Figure 6-42. Propagation Delay, High to Low, 3.3 V
Figure 6-43. Propagation Delay, Low to High, 5 V
Figure 6-44. Propagation Delay, High to Low, 5 V
www.ti.com
TLV3601-Q1, TLV3603-Q1
SNOSDC3B – JUNE 2021 – REVISED NOVEMBER 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: TLV3601-Q1 TLV3603-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com