Electronic Components Datasheet Search
  English  ▼

X  

UCD7100APWPR Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # UCD7100APWPR
Description  UCD7100 Digital Control Compatible Single Low-Side 짹4-A MOSFET Driver with Current Sense
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCD7100APWPR Datasheet(HTML) 10 Page - Texas Instruments

Back Button UCD7100APWPR Datasheet HTML 6Page - Texas Instruments UCD7100APWPR Datasheet HTML 7Page - Texas Instruments UCD7100APWPR Datasheet HTML 8Page - Texas Instruments UCD7100APWPR Datasheet HTML 9Page - Texas Instruments UCD7100APWPR Datasheet HTML 10Page - Texas Instruments UCD7100APWPR Datasheet HTML 11Page - Texas Instruments UCD7100APWPR Datasheet HTML 12Page - Texas Instruments UCD7100APWPR Datasheet HTML 13Page - Texas Instruments UCD7100APWPR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
−50
50
125
−25
0
25
75
100
0
5
10
15
20
25
30
35
TJ − Temperature − °C
Figure 8-14. IN to OUT Propagation Delay vs
Temperature
t − Time − 40 µs/div
VDD (2 V/div)
3V3 (2 V/div)
OUTx (2 V/div)
Figure 8-15. Start-up Behavior at VDD = 12 V (Input
Tied to 3V3)
t − Time − 40 µs/div
VDD (2 V/div)
3V3 (2 V/div)
OUTx (2 V/div)
Figure 8-16. Shut Down Behavior at VDD = 12 V
(Input Tied to 3V3)
t − Time − 40 µs/div
VDD (2 V/div)
3V3 (2 V/div)
OUTx (2 V/div)
Figure 8-17. Start-up Behavior at VDD = 12 V (Input
Shortened to GND)
t − Time − 40 µs/div
VDD (2 V/div)
3V3 (2 V/div)
OUTx (2 V/div)
Figure 8-18. Shut Down Behavior at VDD = 12 V
(Input Shortened to GND)
t − Time − 40 ns/div
Figure 8-19. Output Rise and Fall Time (VDD = 12 V,
CLOAD = 10 NF)
UCD7100
SLUS651E – MARCH 2005 – REVISED NOVEMBER 2021
www.ti.com
10
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: UCD7100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com