Electronic Components Datasheet Search
  English  ▼

X  

TPSM82823ASILR Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TPSM82823ASILR
Description  TPSM8282x, TPSM8282xA 1-A, 2-A, and 3-A High Efficiency Step-Down Converter MicroSiP??Power Module with Integrated Inductor
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPSM82823ASILR Datasheet(HTML) 3 Page - Texas Instruments

  TPSM82823ASILR Datasheet HTML 1Page - Texas Instruments TPSM82823ASILR Datasheet HTML 2Page - Texas Instruments TPSM82823ASILR Datasheet HTML 3Page - Texas Instruments TPSM82823ASILR Datasheet HTML 4Page - Texas Instruments TPSM82823ASILR Datasheet HTML 5Page - Texas Instruments TPSM82823ASILR Datasheet HTML 6Page - Texas Instruments TPSM82823ASILR Datasheet HTML 7Page - Texas Instruments TPSM82823ASILR Datasheet HTML 8Page - Texas Instruments TPSM82823ASILR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 54 page
background image
5 Device Comparison Table
ORDERABLE PART
NUMBER
OUTPUT VOLTAGE
MODE OF OPERATION
OUTPUT CURRENT
TPSM82821SILR
adjustable
Power save mode
1 A
TPSM828211SILR
1.2 V
TPSM828212SILR
1.8 V
TPSM828213SILR
2.5 V
TPSM828214SILR
3.3 V
TPSM82821ASILR
adjustable
Forced PWM
TPSM82822SILR
adjustable
Power save mode
2 A
TPSM828221SILR
1.2 V
TPSM828222SILR
1.8 V
TPSM828223SILR
2.5 V
TPSM828224SILR
3.3 V
TPSM82822ASILR
adjustable
Forced PWM
TPSM82823SILR
adjustable
Power save mode
3 A
TPSM82823ASILR
adjustable
Forced PWM
6 Pin Configuration and Functions
2
3
4
5
10
9
8
7
6
GND
GND
FB
VOUT
VOUT
VIN
VIN
EN
PG
VOUT
1
Figure 6-1. µSiL Package (Top View)
Table 6-1. Pin Functions
PIN
I/O
DESCRIPTION
NAME
NO.
EN
3
I
Device enable pin. To enable the device, this pin needs to be pulled high. Pulling this pin low
disables the device. Do not leave floating.
FB
8
I
Feedback pin. This pin must be connected to the center of the output voltage resistor divider.
For the fixed output voltage devices, connect this pin directly to the output voltage.
GND
9, 10
PWR
Ground pin
PG
4
O
Power-good open-drain output pin with window comparator. The pullup resistor can be
connected to voltages up to 5.5 V. If unused, leave it floating.
VIN
1, 2
PWR
Input voltage pin
VOUT
5, 6, 7
PWR
Output voltage pin
www.ti.com
TPSM82823, TPSM82822, TPSM82821, TPSM82823A, TPSM82822A, TPSM82821A
SLVSEP0F – AUGUST 2019 – REVISED NOVEMBER 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: TPSM82823 TPSM82822 TPSM82821 TPSM82823A TPSM82822A TPSM82821A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com