Electronic Components Datasheet Search
  English  ▼

X  

Z810.CL Datasheet(PDF) 2 Page - Pepperl+Fuchs Inc.

Part # Z810.CL
Description  Zener Barrier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

Z810.CL Datasheet(HTML) 2 Page - Pepperl+Fuchs Inc.

  Z810.CL Datasheet HTML 1Page - Pepperl+Fuchs Inc. Z810.CL Datasheet HTML 2Page - Pepperl+Fuchs Inc. Z810.CL Datasheet HTML 3Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Technical Data
Supply loop
max. 8.6 V
Measurement loop
max. 6.5 V at 10 µA
Conformity
Degree of protection
IEC 60529
Ambient conditions
Ambient temperature
-20 ... 60 °C (-4 ... 140 °F)
Storage temperature
-25 ... 70 °C (-13 ... 158 °F)
Relative humidity
max. 75 % , without condensation
Mechanical specifications
Degree of protection
IP20
Connection
screw terminals
Core cross section
max. 2 x 2.5 ... mm2
Mass
approx. 150 g
Dimensions
12.5 x 115 x 116 mm (0.5 x 4.5 x 4.6 inch) (W x H x D)
Construction type
modular terminal housing , see system description
Mounting
on 35 mm DIN mounting rail acc. to EN 60715:2001
Data for application in connection with hazardous areas
EU-type examination certificate
BAS 01 ATEX 7005
Marking
1
II (1)GD, I (M1) [Ex ia Ga] IIC, [Ex ia Da] IIIC, [Ex ia Ma] I (-20 °C ≤ Tamb ≤ 60 °C)
[circuit(s) in zone 0/1/2]
Voltage
Uo
9.56 V
Current
Io
195 mA
Power
Po
470 mW
Supply
Maximum safe voltage
Um
250 V
Series resistance
min. 49 Ω
Certificate
TÜV 99 ATEX 1484 X
Marking
1
II 3G Ex nA IIC T4 Gc [device in zone 2]
Directive conformity
Directive 2014/34/EU
EN IEC 60079-0:2018+AC:2020 , EN 60079-11:2012 , EN 60079-15:2010
International approvals
FM approval
Control drawing
116-0118
UL approval
Control drawing
116-0139 (cULus)
IECEx approval
IECEx certificate
IECEx BAS 09.0142
IECEx BAS 17.0091X
IECEx marking
[Ex ia Ga] IIC , [Ex ia Da] IIIC , [Ex ia Ma] I
Ex ec IIC T4 Gc
General information
Supplementary information
Observe the certificates, declarations of conformity, instruction manuals, and manuals
where applicable. For information see www.pepperl-fuchs.com.
Zener Barrier
Z810.CL
2
Germany: +49 621 776 2222
Pepperl+Fuchs Group
Refer to "General Notes Relating to Pepperl+Fuchs Product Information".
USA: +1 330 486 0002
Singapore: +65 6779 9091
www.pepperl-fuchs.com
pa-info@us.pepperl-fuchs.com
pa-info@sg.pepperl-fuchs.com
pa-info@de.pepperl-fuchs.com



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com