Electronic Components Datasheet Search
  English  ▼

X  

3045321 Datasheet(PDF) 15 Page - PHOENIX CONTACT

Part # 3045321
Description  Plug - UPBV 2,5/ 1-L BU
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

3045321 Datasheet(HTML) 15 Page - PHOENIX CONTACT

Back Button 3045321 Datasheet HTML 7Page - PHOENIX CONTACT 3045321 Datasheet HTML 8Page - PHOENIX CONTACT 3045321 Datasheet HTML 9Page - PHOENIX CONTACT 3045321 Datasheet HTML 10Page - PHOENIX CONTACT 3045321 Datasheet HTML 11Page - PHOENIX CONTACT 3045321 Datasheet HTML 12Page - PHOENIX CONTACT 3045321 Datasheet HTML 13Page - PHOENIX CONTACT 3045321 Datasheet HTML 14Page - PHOENIX CONTACT 3045321 Datasheet HTML 15Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 15 / 15 page
background image
https://www.phoenixcontact.com/pi/products/3045321
09/12/2020   Page 15 / 15
Plug - UPBV 2,5/ 1-L BU - 3045321
Accessories
Test plugs - MPS-MT - 0201744
Test plugs, with solder connection up to 1 mm² conductor cross section, color: gray
 
 
Test plugs - PS-5 - 3030983
Test plugs, Modular test plug, color: red
 
 
Test plugs - PS-5/2,3MM RD - 3038723
Test plugs, color: red
 
 
Test socket
Test adapter - PAI-4-N GY - 3032871
4 mm test adapter, for terminal blocks with 5.2 mm, 6.2 mm and 8.2 mm pitch
 
 
Phoenix Contact 2020 © - all rights reserved
http://www.phoenixcontact.com
PHOENIX CONTACT GmbH & Co. KG
Flachsmarktstr. 8
32825 Blomberg
Germany
Tel. +49 5235 300
Fax +49 5235 3 41200
http://www.phoenixcontact.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com