Electronic Components Datasheet Search
  English  ▼

X  

ASL1507SHN Datasheet(PDF) 32 Page - NXP Semiconductors

Part # ASL1507SHN
Description  Single-phase and two-phase boost converter with limp-home mode
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

ASL1507SHN Datasheet(HTML) 32 Page - NXP Semiconductors

Back Button ASL1507SHN Datasheet HTML 28Page - NXP Semiconductors ASL1507SHN Datasheet HTML 29Page - NXP Semiconductors ASL1507SHN Datasheet HTML 30Page - NXP Semiconductors ASL1507SHN Datasheet HTML 31Page - NXP Semiconductors ASL1507SHN Datasheet HTML 32Page - NXP Semiconductors ASL1507SHN Datasheet HTML 33Page - NXP Semiconductors ASL1507SHN Datasheet HTML 34Page - NXP Semiconductors ASL1507SHN Datasheet HTML 35Page - NXP Semiconductors ASL1507SHN Datasheet HTML 36Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 56 page
background image
NXP Semiconductors
ASL1507SHN; ASL2507SHN
Single-phase and two-phase boost converter with limp-home mode
ASL1507_ASL2507
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2018. All rights reserved.
Product data sheet
Rev. 1 — 26 April 2018
32 / 56
aaa-029700
ASL1507SHN; ASL2507SHN
is in configuration mode
(56h = 0010 0XXX)
and limp-home mode is not active
(54h = XXXX X0XX)
NVM access complete
for reset set pin EN = LOW
enter NVM access mode
(3Ah = 04h)
confirm ASL1507SHN;
ASL2507SHN is in NVM
access mode
(56h = 1101 1XXX)
write target NVM address
to NVM address register
(36h = target register)
write target NVM data bits
15 to 8 to NVM_DATA[15:8]
(37h = target NVM data bits
15 to 8)
write target NVM data bits
7 to 0 to NVM_DATA[7:0]
(38h = target NVM data bits
7 to 0)
ensure ECC code
is calculated internally
(39h = 00h)
ensure NVM is ready?
(55h = XXXX XXX1)
initiate NVM write
(3Ah = 04h; 3Ah = 06h)
exit NVM access mode
(3Ah = 08h)
wait
LSB = 0
LSB = 1
wait until NVM
access is completed
(55h = XXXX XXX1)
wait
LSB = 0
LSB = 1
no
yes
write another NVM
register
Figure 10. Sequence to write into NVM registers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com