Electronic Components Datasheet Search
  English  ▼

X  

1SS356 Datasheet(PDF) 2 Page - Pan Jit International Inc.

Part # 1SS356
Description  SURFACE MOUNT PIN DIODE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

1SS356 Datasheet(HTML) 2 Page - Pan Jit International Inc.

  1SS356 Datasheet HTML 1Page - Pan Jit International Inc. 1SS356 Datasheet HTML 2Page - Pan Jit International Inc. 1SS356 Datasheet HTML 3Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
PAGE . 2
STAD-SEP.06.2005
1SS356
ELECTRICAL CHARACTERISTICS (T
J
=25
OC, unless otherwise noted)
r
e
t
e
m
a
r
a
P
l
o
b
m
y
S
n
o
i
t
i
d
n
o
C
t
s
e
T
.
n
i
M
.
p
y
T
.
x
a
M
s
t
i
n
U
e
g
a
t
l
o
V
n
w
o
d
k
a
e
r
B
e
s
r
e
v
e
R
V
R
B
()
I
R
0
1
=
µA
5
3
-
-
V
t
n
e
r
r
u
C
e
s
r
e
v
e
R
I
R
V
R
V
5
2
=
-
-
0
1
A
n
e
c
n
a
t
s
i
s
e
R
s
e
i
r
e
S
R
S
I
F
z
H
M
0
0
1
=
f
,
A
m
2
=
-
5
4
.
0
9
.
0
Ω
e
c
n
a
t
i
c
a
p
a
C
l
a
t
o
T
C
T
V
R
z
H
M
1
=
f
,
V
6
=
-
-
2
.
1
F
p
-50
0
50
100
15
Junction Temperature, T (C)
J
Junction Temperature, T (C)
J
1.000
0.100
0.010
0.001
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
100
10
1
0.1
DC Forward Voltage,V (V)
F
DC Forward Voltage,V (V)
F
0
2
4
6
8
10
12
10
1
0.1
DC Forward Current,I (mA)
F
DC Forward Current,I (mA)
F
0
5
10
15
20
25
1.8
1.6
1.4
1.2
1
0.8
0.6
Reverse Voltage,V (V)
R
Reverse Voltage,V (V)
R
V =25V
R
T =125 C
J
O
T =75 C
J
O
T =25 C
J
O
T =-55 C
J
O
‘ f=100MHz
‘ f=100MHz
FIG. 1-Leakage Current
FIG. 2-Forward Voltage
FIG. 4-Series Resistance
FIG. 3-Capacitance



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com