Electronic Components Datasheet Search
  English  ▼

X  

MXD2020F Datasheet(PDF) 2 Page - MEMSIC Semiconductor (Tianjin) Co., Ltd.

Part # MXD2020F
Description  Ultra Low Noise, Low offset Drift 짹1 g Dual Axis Accelerometer with Digital Outputs
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEMSIC [MEMSIC Semiconductor (Tianjin) Co., Ltd.]
Direct Link  http://www.memsic.com/
Logo MEMSIC - MEMSIC Semiconductor (Tianjin) Co., Ltd.

MXD2020F Datasheet(HTML) 2 Page - MEMSIC Semiconductor (Tianjin) Co., Ltd.

  MXD2020F Datasheet HTML 1Page - MEMSIC Semiconductor (Tianjin) Co., Ltd. MXD2020F Datasheet HTML 2Page - MEMSIC Semiconductor (Tianjin) Co., Ltd. MXD2020F Datasheet HTML 3Page - MEMSIC Semiconductor (Tianjin) Co., Ltd. MXD2020F Datasheet HTML 4Page - MEMSIC Semiconductor (Tianjin) Co., Ltd. MXD2020F Datasheet HTML 5Page - MEMSIC Semiconductor (Tianjin) Co., Ltd. MXD2020F Datasheet HTML 6Page - MEMSIC Semiconductor (Tianjin) Co., Ltd. MXD2020F Datasheet HTML 7Page - MEMSIC Semiconductor (Tianjin) Co., Ltd. MXD2020F Datasheet HTML 8Page - MEMSIC Semiconductor (Tianjin) Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MEMSIC MXD2020E/F Rev H
Page 2 of 8
2/26/2007
MXD2020E/F SPECIFICATIONS (Measurements @ 25°C, Acceleration = 0g unless otherwise noted, VDD, VDA =
5.0V unless otherwise specified)
Parameter
Conditions
Min
MXD2020E/F
Typ
Max
Units
SENSOR INPUT
Measurement Range1
Each Axis
±1.0
g
Nonlinearity
Best fit straight line
0.5
1.0
% of FS
Alignment Error2
±1.0
degrees
Transverse Sensitivity3
±2.0
%
SENSITIVITY
DOUTX and DOUTY
Each Axis
@5.0V supply
19.0
20.0
21.0
% Duty
Cycle/g
Change over Temperature (uncompensated)4
Δ from 25°C, at –40°C
+120
%
Δ from 25°C, at +105°C
-55
%
Change over Temperature (compensated) 4
Δ from 25°C, –40°C to +105°C
<3.0
%
ZERO g BIAS LEVEL
0 g Offset5
Each Axis
-0.1
0.00
+0.1
g
0 g Duty Cycle5
48
50
52
% Duty Cycle
0 g Offset over Temperature
Δ from 25°C
Δbased on 20%/g
±0.4
±0.008
mg/
°C
% /
°C
PWM output Frequency
For MXD2020EL only
MXD2020E
MXD2020F
97
95
380
100
100
400
103
105
420
Hz
Hz
Hz
NOISE PERFORMANCE
Noise Density, rms
0.2
0.4
mg/ Hz
FREQUENCY RESPONSE
3dB Bandwidth
15
17
19
Hz
TEMPERATURE OUTPUT
Tout Voltage
1.15
1.25
1.35
V
Sensitivity
4.6
5.0
5.4
mV/
°K
VOLTAGE REFERENCE OUTPUT
VRef output
@3.0V-5.25V supply
2.4
2.5
2.65
V
Change over Temperature
0.1
mV/
°C
Current Drive Capability
Source
100
μA
SELF TEST
Continuous Voltage at DOUTX, DOUTY under
Failure
@5.0V Supply, output rails to
supply voltage
5.0
V
Continuous Voltage at DOUTX, DOUTY under
Failure
@3.0V Supply, output rails to
supply voltage
3.0
V
DOUTX and DOUTY OUTPUTS
Normal Output Range
Output High
Output Low
4.8
0.2
V
V
Current
Source or sink, @ 3.0V-5.25V supply
100
μA
Rise/Fall Time
3.0 to 5.0V Supply
90
100
110
nS
Turn-on Time
@5.0V Supply
@3.0V Supply
160
300
mS
mS
POWER SUPPLY
Operating Voltage Range
3.0
5.25
V
Supply Current
@ 5.0V
2.7
3.3
4.1
mA
Supply Current
@ 3.0V
3.2
4.0
4.8
mA
TEMPERATURE RANGE
Operating Range
-40
+105
°C
NOTES
1 Guaranteed by measurement of initial offset and sensitivity.
2 Alignment error is specified as the angle between the true and indicated
axis of sensitivity.
3 Transverse sensitivity is the algebraic sum of the alignment and the inherent
sensitivity errors
4 The sensitivity change over temperature for thermal accelerometers is based on
variations in heat transfer that are governed by the laws of physics and it is highly
consistent from device to device. Please refer to the section in this data sheet titled
“Compensation for the Change of Sensitivity over Temperature” for more
information.
5 The device operates over a 3.0V to 5.25V supply range. Please note that
sensitivity and zero g bias level will be slightly different at 3.0V operation. For
devices to be operated at 3.0V in production they can be trimmed at the factory
specifically for this lower supply voltage operation, in which case the sensitivity and
zero g bias level specifications on this page will be met. Please contact the factory
for specially trimmed devices for low supply voltage operation.
6 Output settled to within
±17mg.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com