Electronic Components Datasheet Search
  English  ▼

X  

MXD2020M Datasheet(PDF) 2 Page - MEMSIC Semiconductor (Tianjin) Co., Ltd.

Part # MXD2020M
Description  Improved, Ultra Low Noise 짹1.7 g Dual Axis Accelerometer with Digital Outputs
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEMSIC [MEMSIC Semiconductor (Tianjin) Co., Ltd.]
Direct Link  http://www.memsic.com/
Logo MEMSIC - MEMSIC Semiconductor (Tianjin) Co., Ltd.

MXD2020M Datasheet(HTML) 2 Page - MEMSIC Semiconductor (Tianjin) Co., Ltd.

  MXD2020M Datasheet HTML 1Page - MEMSIC Semiconductor (Tianjin) Co., Ltd. MXD2020M Datasheet HTML 2Page - MEMSIC Semiconductor (Tianjin) Co., Ltd. MXD2020M Datasheet HTML 3Page - MEMSIC Semiconductor (Tianjin) Co., Ltd. MXD2020M Datasheet HTML 4Page - MEMSIC Semiconductor (Tianjin) Co., Ltd. MXD2020M Datasheet HTML 5Page - MEMSIC Semiconductor (Tianjin) Co., Ltd. MXD2020M Datasheet HTML 6Page - MEMSIC Semiconductor (Tianjin) Co., Ltd. MXD2020M Datasheet HTML 7Page - MEMSIC Semiconductor (Tianjin) Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
MEMSIC MXD2020G/M/N/H Rev.G
Page 2 of 7
2/26/2007
MXD2020G/H/M/N SPECIFICATIONS (Measurements @ 25°C, Acceleration = 0 g unless otherwise noted; VDD, VDA = 5.0V unless
otherwise specified)
Parameter
Conditions
Min
MXD2020G/H
Typ
Max
Min
MXD2020M/N
Typ
Max
Units
SENSOR INPUT
Measurement Range1
Each Axis
±1.7
±1.7
g
Nonlinearity
Best fit straight line
0.5
1.0
0.5
1.0
% of FS
Alignment Error2
X Sensor to Y Sensor
±1.0
±1.0
degrees
Transverse Sensitivity3
±2.0
±2.0
%
SENSITIVITY
Sensitivity, Digital Outputs at
pins
DOUTX and DOUTY
4 Change
Each Axis
19
20
21
19
20
21
% duty
cycle/g
over Temperature
-10
+8
-25
+8
%
ZERO g BIAS LEVEL
0 g Offset4
Each Axis
-0.1
0.0
+0.1
-0.1
0.0
+0.1
g
0 g Duty Cycle4
48
50
52
48
50
52
% duty
cycle
0 g Offset over Temperature
Δ from 25°C
Based on 20%/g
±1.5
±0.03
±1.5
±0.03
mg/
°C
%/
°C
NOISE PERFORMANCE
Noise Density, rms
0.2
0.4
0.2
0.4
mg/ Hz
FREQUENCY RESPONSE
3dB Bandwidth
15
17
19
15
17
19
Hz
TEMPERATURE OUTPUT
Tout Voltage
1.15
1.25
1.35
1.15
1.25
1.35
V
Sensitivity
4.6
5.0
5.4
4.6
5.0
5.4
mV/
°K
VOLTAGE REFERENCE
OUTPUT
VRef output
@3.0V-5.25V supply
2.4
2.5
2.65
2.4
2.5
2.65
V
Change over Temperature
0.1
0.1
mV/
°C
Current Drive Capability
Source
100
100
μA
SELF TEST
Continuous Voltage at DOUTX,
DOUTY under Failure
@5.0V Supply, output
rails to
supply voltage
5.0
5.0
V
Continuous Voltage at DOUTX,
DOUTY under Failure
@3.0V Supply, output
rails to
supply voltage
3.0
3.0
V
DOUTX and DOUTY OUTPUTS
Normal Output Range
Output High
Output Low
4.8
0.2
4.8
0.2
V
V
Output Frequency
MXD2020G/M
MXD2020H/N
95
380
100
400
105
420
95
380
100
400
105
420
Hz
Hz
Current
Source or sink, @
3.0V-5.25V supply
100
100
μA
Rise/Fall Time
3.0 to 5.25V supply
90
100
110
90
100
110
nS
Turn-On Time5
@5.0V Supply
@3.0V Supply
160
300
160
300
mS
mS
POWER SUPPLY
Operating Voltage Range
3.0
5.25
3.0
5.25
V
Supply Current
@ 5.0V
2.7
3.8
4.4
2.7
3.8
4.4
mA
Supply Current
@ 3.0V
3.2
4.7
5.4
3.2
4.7
5.4
mA
TEMPERATURE RANGE
Operating Range
0
+70
-40
+105
°C
NOTES
1 Guaranteed by measurement of initial offset and sensitivity.
2 Alignment error is specified as the angle between the true and indicated axis of
sensitivity.
3 Transverse sensitivity is the algebraic sum of the alignment and the inherent
sensitivity errors.
4 The device operates over a 3.0V to 5.25V supply range. Please note that sensitivity
and zero g bias level will be slightly different at 3.0V operation. For devices to be
operated at 3.0V in production, they can be trimmed at the factory specifically for
this lower supply voltage operation, in which case the sensitivity and zero g bias
level specifications on this page will be met. Please contact the factory for specially
trimmed devices for low supply voltage operation.
5 Output settled to within
±17mg.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com