Electronic Components Datasheet Search
  English  ▼

X  

MXD2020FF Datasheet(PDF) 1 Page - MEMSIC Semiconductor (Tianjin) Co., Ltd.

Part # MXD2020FF
Description  Ultra Low Noise, Low offset Drift 짹1 g Dual Axis Accelerometer with Digital Outputs
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEMSIC [MEMSIC Semiconductor (Tianjin) Co., Ltd.]
Direct Link  http://www.memsic.com/
Logo MEMSIC - MEMSIC Semiconductor (Tianjin) Co., Ltd.

MXD2020FF Datasheet(HTML) 1 Page - MEMSIC Semiconductor (Tianjin) Co., Ltd.

  MXD2020FF Datasheet HTML 1Page - MEMSIC Semiconductor (Tianjin) Co., Ltd. MXD2020FF Datasheet HTML 2Page - MEMSIC Semiconductor (Tianjin) Co., Ltd. MXD2020FF Datasheet HTML 3Page - MEMSIC Semiconductor (Tianjin) Co., Ltd. MXD2020FF Datasheet HTML 4Page - MEMSIC Semiconductor (Tianjin) Co., Ltd. MXD2020FF Datasheet HTML 5Page - MEMSIC Semiconductor (Tianjin) Co., Ltd. MXD2020FF Datasheet HTML 6Page - MEMSIC Semiconductor (Tianjin) Co., Ltd. MXD2020FF Datasheet HTML 7Page - MEMSIC Semiconductor (Tianjin) Co., Ltd. MXD2020FF Datasheet HTML 8Page - MEMSIC Semiconductor (Tianjin) Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Ultra Low Noise, Low offset Drift
±1 g Dual
Axis Accelerometer with Digital Outputs
MXD2020E/F
FEATURES
Resolution better than 1 mg at 1 Hz
Dual axis accelerometer fabricated on a monolithic CMOS IC
RoHS compliant
On-chip mixed mode signal processing
50,000 g shock survival rating
17 Hz bandwidth
3.00V to 5.25V single supply operation
Small (5mm x 5mm x 2mm) surface mount package
Continuous self-test
Independent axis programmability (special order)
APPLICATIONS
Automotive – Vehicle Security/Active Suspension/ABS
Headlight Angle Control/Tilt Sensing
Security – Gas Line/Elevator/Fatigue Sensing
Office Equipment – Computer Peripherals/PDA’s/Cell Phones
Gaming – Joystick/RF Interface/Menu Selection/Tilt Sensing
Projectors - Leveling and Keystoning
White Goods – Spin/Vibration Control
Internal
Oscillator
Sck
(optional)
CLK
Heater
Control
X axis
Y axis
Factory Adjust
Offset & Gain
Low Pass
Filter
Low Pass
Filter
Temperature
Sensor
Voltage
Reference
V
REF
D
OUTX
V
DD
V
DA
Gnd
2-AXIS
SENSOR
D
OUTY
T
OUT
Continous
Self Test
MXD2020E/F FUNCTIONAL BLOCK DIAGRAM
GENERAL DESCRIPTION
The MXD2020E/F is an ultra low noise and low cost, dual
axis accelerometer built on a standard, submicron CMOS
process. The MXD2020E/F measures acceleration with a
full-scale range of
± 1 g and a sensitivity of 20%/g @5V at
25°C. It can measure both dynamic acceleration (e.g.,
vibration) and static acceleration (e.g., gravity). The
MXD2020E/F design is based on heat convection and
requires no solid proof mass. This eliminates stiction and
particle problems associated with competitive devices and
provides shock survival up to 50,000 g, leading to
significantly lower failure rates and lower losses due to
handling during assembly.
The MXD2020E/F provides two digital outputs. The
outputs are digital signals with duty cycles (ratio of pulse
width to period) that are proportional to acceleration. The
duty cycles outputs can be directly interfaced to a micro-
processor.
MEMSIC MXD2020E/F Rev H
Page 1 of 8
2/26/2007
Information furnished by MEMSIC is believed to be accurate and reliable.
However, no responsibility is assumed by MEMSIC for its use, nor for any
infringements of patents or other rights of third parties, which may result from
its use. No license is granted by implication or otherwise under any patent or
patent rights of MEMSIC
The typical noise floor is 0.2mg / Hz allowing signals
below 1mg to be resolved at 1 Hz bandwidth. The
MXD2020E/F is available in a LCC surface mount package
(5mm x 5mm x 2mm height). It is hermetically sealed and
operational over a -40
°C to +105°C temperature range.
Due to the standard CMOS structure of the MXD2020E/F,
additional circuitry can easily be incorporated into custom
versions for high volume applications. Contact the factory
for more information.
©MEMSIC, Inc.
One Technology Drive Suite 325,Andover MA01810,USA
Tel: +1 978 738 0900
Fax: + 978 738 0196
www.memsic.com


Similar Part No. - MXD2020FF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MXD2020F ETC1-MXD2020F Datasheet
583Kb / 8P
Ultra Low Noise, Low offset Drift 1g, -1g Dual Axis Accelerometer with Digital Outputs
MXD2020FL ETC1-MXD2020FL Datasheet
583Kb / 8P
Ultra Low Noise, Low offset Drift 1g, -1g Dual Axis Accelerometer with Digital Outputs
More results

Similar Description - MXD2020FF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MXA2500EL ETC-MXA2500EL Datasheet
708Kb / 9P
Ultra Low Noise, Offset Drift 1 g Dual Axis Accelerometer with Analog Outputs
MXD2020ML ETC-MXD2020ML Datasheet
289Kb / 7P
Improved, Ultra Low Noise Dual Axis Accelerometer with Digital Outputs
MXD7210GL ETC-MXD7210GL Datasheet
647Kb / 10P
Low Cost, Low Noise -10 g Dual Axis Accelerometer with Digital Outputs
MXD2020EL ETC1-MXD2020EL Datasheet
583Kb / 8P
Ultra Low Noise, Low offset Drift 1g, -1g Dual Axis Accelerometer with Digital Outputs
MXA6500G ETC1-MXA6500G Datasheet
84Kb / 6P
Low Cost, Low Noise 짹1 g Dual Axis Accelerometer with Absolute Analog Outputs
MXD2020G ETC1-MXD2020G Datasheet
144Kb / 7P
Improved, Ultra Low Noise 짹1.7 g Dual Axis Accelerometer with Digital Outputs
MXD7202GL ETC1-MXD7202GL Datasheet
549Kb / 10P
Low Cost, Low Noise 짹2 g Dual Axis Accelerometer with Digital Outputs
logo
MEMSIC Semiconductor (T...
MXA2500E MEMSIC-MXA2500E Datasheet
327Kb / 6P
Ultra Low Noise, Offset Drift ?? g Dual Axis Accelerometer with Analog Outputs
v1.0
MXD2020G MEMSIC-MXD2020G Datasheet
172Kb / 7P
Improved, Ultra Low Noise 짹1.7 g Dual Axis Accelerometer with Digital Outputs
Rev.G
MXD2020U MEMSIC-MXD2020U Datasheet
183Kb / 8P
Ultra Low Noise, 짹1 g Dual Axis Accelerometer with Digital Outputs
Rev.G
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com