Electronic Components Datasheet Search
  English  ▼

X  

PJUSB208 Datasheet(PDF) 1 Page - Pan Jit International Inc.

Part # PJUSB208
Description  Low Capacitance Diode Array
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

PJUSB208 Datasheet(HTML) 1 Page - Pan Jit International Inc.

  PJUSB208 Datasheet HTML 1Page - Pan Jit International Inc. PJUSB208 Datasheet HTML 2Page - Pan Jit International Inc. PJUSB208 Datasheet HTML 3Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
PJUSB208
Low Capacitance Diode Array
SPECIFICATION FEATURES
APPLICATIONS
MAXIMUM RATINGS
Rating
Symbol
Value
Units
This diode array is configured to protect up to four data transmission lines
acting as a line terminator, minimizing overshoot and undershoot conditions
due to bus impedance as well as protect against over-voltage events as
electrostatic discharges.
Maximum Capacitance of 3.0pF at 0Vdc 1MHz Line-to-Ground
Industry Standard SMT Package SOT23-6L
Maximum Leakage Current of 1.0µA @ VR
USB 2.0 and Firewire Port Protection
LAN/WLAN Access Point terminals
Repetitive Peak Inverse Voltage
Continuous Reverse Voltage
Peak Pulse Current (8/20µs Waveform)
Power Dissipation, Tj = 85°C, I = 200mA, Per Diode
Operating Junction Temperature Range
Storage Temperature Range
Soldering Temperature, t max = 10 s
12/30/2005
Page 1
www.panjit.com
40
V
V
40
A
24
100
mW
°C
-55 to +150
°C
-55 to +150
°C
260
V
V
I
P
Tj
T
T
RRM
R
L
PP
D
stg
Tj = 25°C Unless otherwise noted
Average Rectified Forward Current, Per Diode
I F(AV)
mA
50
F
Video Signal line protection
IEC61000-4-2, IEC61000-4-4 and IEC61000-4-5 Full Compliance
SOT23-6L
100% Tin Matte finish (LEAD-FREE PRODUCT)
I/O1
REF1
I/O2
I/O3
REF2
I/O4
1
2
3
6
5
4
I/O1
REF1
I/O2
I/O3
REF2
I/O4
1
2
3
6
5
4
Peak Inverse voltage of 40V per diode


Similar Part No. - PJUSB208

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PJUSB208 PANJIT-PJUSB208 Datasheet
451Kb / 4P
Low Capacitance Diode Array
PJUSB208-AU PANJIT-PJUSB208-AU Datasheet
309Kb / 6P
LOW CAPACITANCE DIODE ARRAY
PJUSB208-AU_A0_00001 PANJIT-PJUSB208-AU_A0_00001 Datasheet
309Kb / 6P
LOW CAPACITANCE DIODE ARRAY
PJUSB208-AU_A0_10001 PANJIT-PJUSB208-AU_A0_10001 Datasheet
309Kb / 6P
LOW CAPACITANCE DIODE ARRAY
PJUSB208-AU_A1_00001 PANJIT-PJUSB208-AU_A1_00001 Datasheet
309Kb / 6P
LOW CAPACITANCE DIODE ARRAY
More results

Similar Description - PJUSB208

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
DALC208SC6 STMICROELECTRONICS-DALC208SC6 Datasheet
164Kb / 10P
LOW CAPACITANCE DIODE ARRAY
02-Apr-1000
logo
Pan Jit International I...
PJSR70 PANJIT-PJSR70 Datasheet
72Kb / 3P
Low Capacitance Diode Array
PJUSB208 PANJIT-PJUSB208_06 Datasheet
83Kb / 3P
Low Capacitance Diode Array
PJUSB208_0610 PANJIT-PJUSB208_0610 Datasheet
451Kb / 4P
Low Capacitance Diode Array
logo
STMicroelectronics
DALC208 STMICROELECTRONICS-DALC208 Datasheet
185Kb / 14P
Low capacitance diode array
20-Mar-2008
logo
Pan Jit International I...
PJUSB208DW PANJIT-PJUSB208DW Datasheet
249Kb / 6P
LOW CAPACITANCE DIODE ARRAY
PJUSB208-AU PANJIT-PJUSB208-AU Datasheet
309Kb / 6P
LOW CAPACITANCE DIODE ARRAY
logo
ON Semiconductor
NUP4304MR6 ONSEMI-NUP4304MR6_12 Datasheet
141Kb / 6P
Low Capacitance Diode Array
January, 2012 ??Rev. 4
NUP4301MR6 ONSEMI-NUP4301MR6 Datasheet
57Kb / 4P
Low Capacitance Diode Array
September, 2014 ??Rev. 7
logo
Pan Jit International I...
PE9180C1A-AU PANJIT-PE9180C1A-AU Datasheet
226Kb / 5P
Low Capacitance Diode Array
October 6,2022 PE9180C1A-AU-REV.00
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com