Electronic Components Datasheet Search
  English  ▼

X  

3D3225 Datasheet(PDF) 2 Page - Data Delay Devices, Inc.

Part # 3D3225
Description  MONOLITHIC 5-TAP FIXED DELAY LINE (SERIES 3D3225)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DATADELAY [Data Delay Devices, Inc.]
Direct Link  http://www.datadelay.com
Logo DATADELAY - Data Delay Devices, Inc.

3D3225 Datasheet(HTML) 2 Page - Data Delay Devices, Inc.

  3D3225 Datasheet HTML 1Page - Data Delay Devices, Inc. 3D3225 Datasheet HTML 2Page - Data Delay Devices, Inc. 3D3225 Datasheet HTML 3Page - Data Delay Devices, Inc. 3D3225 Datasheet HTML 4Page - Data Delay Devices, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
3D3225
APPLICATION NOTES
OPERATIONAL DESCRIPTION
The 3D3225 five-tap delay line architecture is
shown in Figure 1. The delay line is composed of
a number of delay cells connected in series.
Each delay cell produces at its output a replica of
the signal present at its input, shifted in time. The
delay cells are matched and share the same
compensation signals, which minimizes tap-to-
tap delay deviations over temperature and supply
voltage variations.
INPUT SIGNAL CHARACTERISTICS
The Frequency and/or Pulse Width (high or low)
of operation may adversely impact the specified
delay accuracy of the particular device. The
reasons for the dependency of the output delay
accuracy on the input signal characteristics are
varied and complex. Therefore a Maximum and
an Absolute Maximum operating input frequency
and a Minimum and an Absolute Minimum
operating pulse width have been specified.
OPERATING FREQUENCY
The Absolute Maximum Operating Frequency
specification, tabulated in Table 1, determines
the highest frequency of the delay line input
signal that can be reproduced, shifted in time at
the device output, with acceptable duty cycle
distortion.
The Maximum Operating Frequency specification
determines the highest frequency of the delay
line input signal for which the output delay
accuracy is guaranteed.
To guarantee the Table 1 delay accuracy for
input frequencies higher than the Maximum
Operating Frequency, the 3D3225 must be
tested at the user operating frequency.
Therefore, to facilitate production and device
identification, the part number will include a
custom reference designator identifying the
intended frequency of operation. The
programmed delay accuracy of the device is
guaranteed, therefore, only at the user specified
input frequency. Small input frequency variation
about the selected frequency will only marginally
impact the programmed delay accuracy, if at all.
Nevertheless, it is strongly recommended that
the engineering staff at DATA DELAY DEVICES
be consulted.
OPERATING PULSE WIDTH
The Absolute Minimum Operating Pulse Width
(high or low) specification, tabulated in Table 1,
determines the smallest Pulse Width of the delay
line input signal that can be reproduced, shifted
in time at the device output, with acceptable
pulse width distortion.
The Minimum Operating Pulse Width (high or
low) specification determines the smallest Pulse
Width of the delay line input signal for which the
output delay accuracy tabulated in Table 1 is
guaranteed.
To guarantee the Table 1 delay accuracy for
input pulse width smaller than the Minimum
Operating Pulse Width, the 3D3225 must be
tested at the user operating pulse width.
Therefore, to facilitate production and device
identification, the part number will include a
VDD
O1
IN
O2
O3
O4
Temp & VDD
Compensation
GND
Figure 1: 3D3225 Functional Diagram
20%
20%
20%
20%
20%
O5
Doc #05003
DATA DELAY DEVICES, INC.
2
12/22/05
Tel: 973-773-2299
Fax: 973-773-9672
http://www.datadelay.com



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com