Electronic Components Datasheet Search
  English  ▼

X  

NDP6060L Datasheet(PDF) 2 Page - ON Semiconductor

Part # NDP6060L
Description  N-Channel Logic Level Enhancement Mode Field Effect Transistor
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NDP6060L Datasheet(HTML) 2 Page - ON Semiconductor

  NDP6060L Datasheet HTML 1Page - ON Semiconductor NDP6060L Datasheet HTML 2Page - ON Semiconductor NDP6060L Datasheet HTML 3Page - ON Semiconductor NDP6060L Datasheet HTML 4Page - ON Semiconductor NDP6060L Datasheet HTML 5Page - ON Semiconductor NDP6060L Datasheet HTML 6Page - ON Semiconductor NDP6060L Datasheet HTML 7Page - ON Semiconductor NDP6060L Datasheet HTML 8Page - ON Semiconductor NDP6060L Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
NDP6060L / NDB6060L
N-Channel Logic Level Enhancement Mode Field Effect Transistor
Features
________________________________________________________________________________
Absolute Maximum Ratings
T
C = 25°C unless otherwise noted
Symbol
Parameter
NDP6060L
NDB6060L
Units
V
DSS
Drain-Source Voltage
60
V
V
DGR
Drain-Gate Voltage (R
GS < 1 MΩ)
60
V
V
GSS
Gate-Source Voltage - Continuous
± 16
V
- Nonrepetitive (t
P < 50 µs)
± 25
I
D
Drain Current
- Continuous
48
A
- Pulsed
144
P
D
Total Power Dissipation @ T
C = 25°C
100
W
Derate above 25°C
0.67
W/°C
T
J,TSTG
Operating and Storage Temperature
-65 to 175
°C
T
L
Maximum lead temperature for soldering
purposes, 1/8" from case for 5 seconds
275
°C
Publication Order Number:
NDP6060L/D
General Description
These logic level N-Channel enhancement mode power
field
effect
transistors
are
produced
using
ON
Semiconductor's proprietary, high cell density, DMOS
technology. This very high density process has been
especially tailored to minimize
on-state
resistance,
provide superior switching performance, and withstand
high energy pulses in the avalanche and commutation
modes. These devices are particularly suited for low
voltage
applications
such
as
automotive,
DC/DC
converters, PWM motor controls, and other battery
powered circuits where fast switching, low in-line power
loss, and resistance to transients are needed.
48A, 60V. R
DS(ON) = 0.025Ω @ VGS = 5V.
Low drive requirements allowing operation directly from logic
drivers. V
GS(TH) < 2.0V.
Critical DC electrical parameters specified at elevated
temperature.
Rugged internal source-drain diode can eliminate the need
for an external Zener diode transient suppressor.
175°C maximum junction temperature rating.
High density cell design for extremely low R
DS(ON).
TO-220 and TO-263 (D
2PAK) package for both through hole
and surface mount applications.
S
D
G
© 1997 Semiconductor Components Industries, LLC.
September-2017, Rev. 5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com