Electronic Components Datasheet Search
  English  ▼

X  

MM3Z20VB Datasheet(PDF) 3 Page - ON Semiconductor

Part # MM3Z20VB
Description  Zener Diodes
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MM3Z20VB Datasheet(HTML) 3 Page - ON Semiconductor

  MM3Z20VB Datasheet HTML 1Page - ON Semiconductor MM3Z20VB Datasheet HTML 2Page - ON Semiconductor MM3Z20VB Datasheet HTML 3Page - ON Semiconductor MM3Z20VB Datasheet HTML 4Page - ON Semiconductor MM3Z20VB Datasheet HTML 5Page - ON Semiconductor MM3Z20VB Datasheet HTML 6Page - ON Semiconductor MM3Z20VB Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
MM3Z2V4B−MM3Z75VB
www.onsemi.com
3
TYPICAL PERFORMANCE CHARACTERISTICS
MM3Z24VB
MM3Z11VB
MM3Z36VB
MM3Z3V6B
MM3Z6V8C
MM3Z36VB
MM3Z24VB
MM3Z3V6B
MM3Z6V8C
MM3Z11VB
Figure 1. Zener Current vs. Zener Voltage
Figure 2. Zener Current vs. Zener Impedance
110
30
0
10
20
30
40
50
0.1
10
1
10
100
IZ, Zener Current (mA)
IZ, Zener Current (mA)
Figure 3. MM3Z3V6B − Zener Current vs.
Zener Voltage
Figure 4. MM3Z6V8C − Zener Current vs.
Zener Voltage
Figure 5. MM3Z11VB − Zener Current vs.
Zener Voltage
Figure 6. MM3Z24VB − Zener Current vs.
Zener Voltage
TA = 25°C
TA = 25°C
1
1000
10000
6.4
6.6
6.8
7.0
7.2
7.4
1
IZ, Zener Current (mA)
10
30
−25°C
0°C
25°C
125°C
100°C
85°C
2.5
3.0
3.5
4.0
4.5
110
30
IZ, Zener Current (mA)
−25°C
0°C
25°C
125°C
100°C
85°C
10.0
10.5
11.0
11.5
12.0
12.5
110
30
IZ, Zener Current (mA)
−25°C
0°C
25°C
125°C
100°C
85°C
21
22
23
24
25
26
27
28
110
30
IZ, Zener Current (mA)
−25°C
0°C
25°C
125°C
100°C
85°C



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com