Electronic Components Datasheet Search
  English  ▼

X  

3D7444 Datasheet(PDF) 2 Page - Data Delay Devices, Inc.

Part # 3D7444
Description  MONOLITHIC QUAD 4-BIT PROGRAMMABLE DELAY LINE (SERIES 3D7444)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DATADELAY [Data Delay Devices, Inc.]
Direct Link  http://www.datadelay.com
Logo DATADELAY - Data Delay Devices, Inc.

3D7444 Datasheet(HTML) 2 Page - Data Delay Devices, Inc.

  3D7444 Datasheet HTML 1Page - Data Delay Devices, Inc. 3D7444 Datasheet HTML 2Page - Data Delay Devices, Inc. 3D7444 Datasheet HTML 3Page - Data Delay Devices, Inc. 3D7444 Datasheet HTML 4Page - Data Delay Devices, Inc. 3D7444 Datasheet HTML 5Page - Data Delay Devices, Inc. 3D7444 Datasheet HTML 6Page - Data Delay Devices, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
3D7444
APPLICATION NOTES
line to its normal operation. The device contains
an SO output, which can be used to cascade
multiple devices, as shown in Figure 3.
THEORY OF OPERATION
The quad 4-bit programmable 3D7444 delay line
architecture is comprised of a number of delay
cells connected in series with their respective
outputs multiplexed onto the Delay Out pin (O1-
O4) by the user-selected programming data.
Each delay cell produces at its output a replica of
the signal present at its input, shifted in time.
Each of the four lines can be controlled
independently, via the serial interface.
TABLE 2: BIT SEQUENCE
Bit
Delay
Line
Function
1
4
Output Enable
2
3
Output Enable
3
2
Output Enable
4
1
Output Enable
5
Address Bit 3
6
Address Bit 2
7
Address Bit 1
8
1
Address Bit 0
9
Address Bit 3
10
Address Bit 2
11
Address Bit 1
12
2
Address Bit 0
13
Address Bit 3
14
Address Bit 2
15
Address Bit 1
16
3
Address Bit 0
17
Address Bit 3
18
Address Bit 2
19
Address Bit 1
20
4
Address Bit 0
PROGRAMMED DELAY (ADDRESS)
INTERFACE
Figure 1 illustrates the main functional blocks of
the 3D7444 device. Since the device is a CMOS
design, all unused input pins must be returned to
well defined logic levels (VDD or GND). The
delays are adjusted by first shifting a 20-bit
programming word into the device via the SC and
SI pins, then strobing the AL signal to latch the
values. The bit sequence is shown in Table 2,
and the associated timing diagram is shown in
Figure 2. Each line has associated with it an
enable bit. Setting this bit low will force the
corresponding delay line output to a high
impedance state, while setting it high returns the
DELAY
LINE
20-BIT LATCH
20-BIT SHIFT REGISTER
SO
Figure 1: Functional block diagram
DELAY
LINE
DELAY
LINE
DELAY
LINE
I4
I3
I2
I1
O4
O3
O2
O1
AL
SI
SC
ENABLES
ADDR4
ADDR3
ADDR2
ADDR1
Doc #03006
DATA DELAY DEVICES, INC.
2
12/8/03
Tel: 973-773-2299
Fax: 973-773-9672
http://www.datadelay.com



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com