Electronic Components Datasheet Search
  English  ▼

X  

AD9540 Datasheet(PDF) 8 Page - Analog Devices

Part # AD9540
Description  655 MHz Low Jitter Clock Generator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9540 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD9540 Datasheet HTML 4Page - Analog Devices AD9540 Datasheet HTML 5Page - Analog Devices AD9540 Datasheet HTML 6Page - Analog Devices AD9540 Datasheet HTML 7Page - Analog Devices AD9540 Datasheet HTML 8Page - Analog Devices AD9540 Datasheet HTML 9Page - Analog Devices AD9540 Datasheet HTML 10Page - Analog Devices AD9540 Datasheet HTML 11Page - Analog Devices AD9540 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
AD9540
Rev. 0 | Page 8 of 32
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
51.84 MHz FOUT
@ 10 Hz Offset
110
dBc/Hz
@ 100 Hz Offset
121
dBc/Hz
@ 1 kHz Offset
135
dBc/Hz
@ 10 kHz Offset
142
dBc/Hz
@ 100 kHz Offset
148
dBc/Hz
> 1 MHz Offset
153
dBc/Hz
105 MHz Analog Out
@ 10 Hz Offset
105
dBc/Hz
@ 100 Hz Offset
115
dBc/Hz
@ 1 kHz Offset
126
dBc/Hz
@ 10 kHz Offset
132
dBc/Hz
@ 100 kHz Offset
140
dBc/Hz
>1 MHz Offset
145
dBc/Hz
155.52 MHz Analog Out
@ 10 Hz Offset
100
dBc/Hz
@ 100 Hz Offset
112
dBc/Hz
@ 1 kHz Offset
123
dBc/Hz
@ 10 kHz Offset
131
dBc/Hz
@ 100 kHz Offset
138
dBc/Hz
>1 MHz Offset
144
dBc/Hz
1 The SNR of a 14-bit ADC was measured with an ENCODE rate of 105 MSPS and an AIN of 170 MHz. The resultant SNR was known to be limited by the jitter of the clock,
not by the noise on the AIN signal. From this SNR value, the jitter affecting the measurement can be back calculated.
2 Driving the PLLREF input buffer. The crystal oscillator section of this input stage performs up to only 30 MHz.
3 The charge pump output compliance range is functionally 0.2 V to (CPVDD − 0.2 V). The value listed here is the compliance range for 5% matching.
4 The input impedance of the CLK1 input is 1500 Ω. However, to provide matching on the clock line, an external 50 Ω load is used.
5 Measured as peak-to-peak between DAC outputs.
6 For a 4.02 kΩ resistor from DRV_RSET to GND.
7 IBIS models for the digital I/O pins available upon request.
8 Assumes a 1 mA load.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com