Electronic Components Datasheet Search
  English  ▼

X  

CONSMA013.031 Datasheet(PDF) 1 Page - Linx Technologies

Part # CONSMA013.031
Description  SMA MALE EDGE MOUNT FOR 0.031" BOARD
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINX [Linx Technologies]
Direct Link  https://linxtechnologies.com/wp/
Logo LINX - Linx Technologies

CONSMA013.031 Datasheet(HTML) 1 Page - Linx Technologies

  CONSMA013.031 Datasheet HTML 1Page - Linx Technologies CONSMA013.031 Datasheet HTML 2Page - Linx Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
4.75
0.187
1.65
0.065
12.70
0.500
17.45
0.687
HEX 8.00
0.315
0.94
0.037
1.02
0.040
14"-36UNS-2B
THREADS
7.90
0.311
6.35
0.250
1.00
0.039
1.00
0.039
2.66
0.105
0.75
0.030
SCALE 1 : 1
NOTES: (UNLESS OTHERWISE SPECIFIED)
1. ALL DIMENSIONS ARE IN MILLIMETERS [INCHES].
2. DIMENSIONS APPLY AFTER FINISHING.
3. MANUFACTURE TO BE COMPLIANT WITH EU RoHS DIRECTIVE,
USE MATERIALS THAT DO NOT CONTAIN REACH SUBSTANCES
OF VERY HIGH CONCERN >1000ppm, AND USE DRC
CONFLICT-FREE SOURCED MATERIALS.
4. SAFETY BREAK ALL SHARP CORNERS AND EDGES 0.5 MAXIMUM.
5 SEE TABLE I FOR ELECTRICAL SPECIFICATIONS. (SHEET 2)
6 SEE TABLE II FOR ENVIRONMENTAL SPECIFICATIONS. (SHEET 2)
7 SEE TABLE III FOR MECHANICAL SPECIFICATIONS. (SHEET 2)
8. SEE PARTSLIST. "*" INDICATES FINISH TYPE.
REVISIONS
REV
DESCRIPTION
DATE
APPV
A INITIAL RELEASE OF SOLID MODEL.
CLL
6-FEB-20
Connector: SMA Plug (Male Pin)
Termination: PCB Board Edge, End Launch, Panel Mount
Part Number
CONSMA013.031
CONSMA013.031-G
Connector Part
Material
Finish
Finish
Bodies
Body: Brass
Nickel
Gold
Nut: Brass
Nickel
Gold
Center Contact
Pin: Brass
Gold
Gold
Insulator
PTFE
-
-
Gasket
Si Rubber
-
-
SHEET 1 OF 2
LDCFDAL_C
SCALE: 4:1
A
TITLE:
SIZE DWG. NO.
REV
DO NOT SCALE DRAWING
CONSMA013.031-*
A
SMA MALE EDGE MOUNT
FOR 0.031" BOARD
159 ORT LANE
MERLIN, OR 97532
ANGLES: 1
DRAWN: M. SCHULTE
ENGR: D. VARATHARAJAN
DT: 15-JAN-20
DT: 6-FEB-20
MATERIAL:
FINISH:
PROJECTION:
WARNING: THIS DRAWING CONTAINS PROPRIETARY INFORMATION
THAT IS THE SOLE PROPERTY OF LINX TECHNOLOGIES, AND SHALL BE
TREATED AS SUCH. NO DISCLOSURE OR REPRODUCTION OF THIS
DOCUMENT IS PERMITTED, IN WHOLE OR IN PART, WITHOUT THE
EXPRESS WRITTEN PERMISSION OF LINX TECHNOLOGIES OR ITS
DESIGNATED AGENTS.
TOLERANCES:
0.50 [.020]-5.00 [.200]= 0.20 [.008]
5.00 [.200]-30.00 [1.200]= 0.40 [.016]
30.0 [1.20]-120.0 [4.75]= 0.60 [0.24]
120.0 [4.75]-315.0 [12.40]= 1.0 [.040]


Similar Part No. - CONSMA013.031

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CONSMA013.031 ETC2-CONSMA013.031 Datasheet
225Kb / 1P
SMA MALE EDGE MOUNT FOR 0.031 THICK BOARD
More results

Similar Description - CONSMA013.031

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CONREVSMA003.031 ETC2-CONREVSMA003.031 Datasheet
164Kb / 1P
RP-SMA FEMALE EDGE MOUNT FOR 0.031" THICK BOARD
CONREVSMA006.031 ETC2-CONREVSMA006.031 Datasheet
204Kb / 1P
RP-SMA FEMALE EDGE MULTI-MOUNT FOR 0.031 THICK BOARD
CONREVSMA013.031 ETC2-CONREVSMA013.031 Datasheet
222Kb / 1P
RP-SMA MALE EDGE MOUNT FOR 0.031 THICK BOARD
CONSMA003.031 ETC2-CONSMA003.031 Datasheet
148Kb / 1P
SMA FEMALE EDGE MOUNT FOR 0.031 THICK BOARD
CONSMA003.031-L ETC2-CONSMA003.031-L Datasheet
163Kb / 1P
SMA FEMALE EDGE MOUNT FOR 0.031 THICK BOARD, EXTENDED
CONSMA013.031 ETC2-CONSMA013.031 Datasheet
225Kb / 1P
SMA MALE EDGE MOUNT FOR 0.031 THICK BOARD
logo
Linx Technologies
CONSMA020.031-G LINX-CONSMA020.031-G Datasheet
130Kb / 2P
SMA FEMALE EDGE MOUNT FOR 0.031" BOARD, GOLD
19-NOV-19
CONSMA023.031-G LINX-CONSMA023.031-G Datasheet
158Kb / 2P
SMA FEMALE EDGE MOUNT FOR 0.031
22-JAN-20
CONSMA003.031-G LINX-CONSMA003.031-G Datasheet
373Kb / 3P
SMA FEMALE EDGE MOUNT FOR 0.031" THICK BOARD
23/JAN/19
CONSMA003.031-L-G LINX-CONSMA003.031-L-G Datasheet
394Kb / 3P
SMA FEMALE EDGE MOUNT FOR 0.031" THICK BOARD, EXTENDED
21/JAN/19
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com