Electronic Components Datasheet Search
  English  ▼

X  

AD7658BSTZ Datasheet(PDF) 11 Page - Analog Devices

Part # AD7658BSTZ
Description  250 kSPS, 6-Channel,Simultaneous Sampling, Bipolar 12/14/16-Bit ADC
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7658BSTZ Datasheet(HTML) 11 Page - Analog Devices

Back Button AD7658BSTZ Datasheet HTML 7Page - Analog Devices AD7658BSTZ Datasheet HTML 8Page - Analog Devices AD7658BSTZ Datasheet HTML 9Page - Analog Devices AD7658BSTZ Datasheet HTML 10Page - Analog Devices AD7658BSTZ Datasheet HTML 11Page - Analog Devices AD7658BSTZ Datasheet HTML 12Page - Analog Devices AD7658BSTZ Datasheet HTML 13Page - Analog Devices AD7658BSTZ Datasheet HTML 14Page - Analog Devices AD7658BSTZ Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
Preliminary Technical Data
AD7658/AD7657/AD7656
Rev. PrI | Page 11 of 25
PIN FUNCTIONAL DESCRIPTIONS
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
AD7656
TOP VIEW
(Not to Scale)
PIN 1
IDENTIFIER
DB7/HBEN/DCEN
DB6/SCLK
DB5/DCIN A
DB4/DCIN B
DB3/DCIN C
DB2/SEL C
DB1/SEL B
VDRIVE
DB13
DB12
DB11
DB10/SDATA C
DB9/SDATA B
DB8/SDATA A
DGND
DB14/REFBUFEN/DIS
V3
AGND
AGND
V2
AVCC
AVCC
V1
AVCC
AVCC
AVCC
V5
AGND
AGND
V4
AVCC
V6
Table 6. AD7658/AD7657/AD7656 Pin Function Descriptions
Pin Mnemonic
Description
REFCAPA, REFCAPB,
REFCAPC
Decoupling capacitors are connected to these pins to decouple the reference buffer for each
ADC pair. Each REFCAP pin should be decoupled to AGND using 10 µF and 100 nF capacitors.
V1 – V6
Analog Input1-6. These are six single-ended Analog inputs. The Analog input range on these
channels is ddetermined by the RANGE pin.
AGND
Analog Ground. Ground reference point for all analog circuitry on the
AD7658/AD7657/AD7656. All analog input signals and any external reference signal should be
referred to this AGND voltage. All eleven of these AGND pins should be connected to the
AGND plane of a system. The AGND and DGND voltages ideally should be at the same
potential and must not be more than 0.3 V apart, even on a transient basis.
DVCC
Digital Power. Normally at 5V. The DVCC and AVCC voltages should ideally be at the same
potential and must not be more than 0.3 V apart even on a transient basis. This supply should
be decoupled to DGND. 10 µF and 100 nF decoupling capacitors should be placed on the
DVCC pin.
VDRIVE
Logic power supply input. The voltage supplied at this pin determines at what voltage the
interface will operate. Nominally at the same supply as the supply of the host interface. This
pin should be decoupled to DGND. 10 µF and 100 nF decoupling capacitors should be placed
on the VDRIVE pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com