Electronic Components Datasheet Search
  English  ▼

X  

BAT54L Datasheet(PDF) 3 Page - FutureWafer Tech Co.,Ltd

Part # BAT54L
Description  Surface Mount Schottky Barrier Diode
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUTUREWAFER [FutureWafer Tech Co.,Ltd]
Direct Link  http://futurewafer.com.tw/
Logo FUTUREWAFER - FutureWafer Tech Co.,Ltd

BAT54L Datasheet(HTML) 3 Page - FutureWafer Tech Co.,Ltd

  BAT54L Datasheet HTML 1Page - FutureWafer Tech Co.,Ltd BAT54L Datasheet HTML 2Page - FutureWafer Tech Co.,Ltd BAT54L Datasheet HTML 3Page - FutureWafer Tech Co.,Ltd BAT54L Datasheet HTML 4Page - FutureWafer Tech Co.,Ltd BAT54L Datasheet HTML 5Page - FutureWafer Tech Co.,Ltd BAT54L Datasheet HTML 6Page - FutureWafer Tech Co.,Ltd BAT54L Datasheet HTML 7Page - FutureWafer Tech Co.,Ltd BAT54L Datasheet HTML 8Page - FutureWafer Tech Co.,Ltd BAT54L Datasheet HTML 9Page - FutureWafer Tech Co.,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
BAT54 Family
Surface Mount Schottky Barrier Diode
Document No.: F41806F
07-DEC-2021 V 2.1
www.futurewafer.com.tw
FQE-001-04
3/15
3. Electrical Property
3-1. Electrical Characteristics
3-2. Thermal Characteristics
3-3. Ratings and Characteristics Curve (TA=25°C Unless Otherwise Noted)-Fig 1~2
Fig 1. Power Derating Curve
Average Temperature, T A (°C)
Fig 2. Typical Instantaneous Forward Characteristics
Instantaneous Forward Voltage, V F (V)
T A = 25°C
T A = 85°C
T A = 125°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com