Electronic Components Datasheet Search
  English  ▼

X  

5145342 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 5145342
Description  Media hub - THERMOMARK-ERH 200
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

5145342 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  5145342 Datasheet HTML 1Page - PHOENIX CONTACT 5145342 Datasheet HTML 2Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
https://www.phoenixcontact.com/pi/products/5145342
09/12/2020   Page 1 / 2
Media hub - THERMOMARK-ERH 200 - 5145342
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
External media hub, for the THERMOMARK S1, for maximum media outer diameter up to 200 mm
Key Commercial Data
Packing unit
1 pc
GTIN
GTIN
4046356108089
Technical data
Product type
Printing system accessories
Printing system
THERMOMARK X
THERMOMARK ROLL
THERMOMARK W
THERMOMARK S1.1
Classifications
eCl@ss
eCl@ss 10.0.1
19149290
eCl@ss 4.0
24010400
eCl@ss 4.1
40020500
eCl@ss 5.0
19029100
eCl@ss 5.1
19029100
eCl@ss 6.0
19149200
eCl@ss 7.0
19149290
eCl@ss 8.0
19149290
eCl@ss 9.0
19149290
ETIM
ETIM 3.0
EC001675
ETIM 4.0
EC001675


Similar Part No. - 5145342

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
5145342 PHOENIX-5145342 Datasheet
70Kb / 3P
THERMOMARK S1.1
Feb 10, 2011
More results

Similar Description - 5145342

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
5146464 PHOENIX-5146464 Datasheet
6Mb / 76P
THERMOMARK LINE
logo
SMSC Corporation
USB2641I SMSC-USB2641I Datasheet
390Kb / 8P
Industrial Temperature USB 2.0 Flash Media Controller and Hub Combo
logo
Microchip Technology
USB2642 MICROCHIP-USB2642 Datasheet
889Kb / 56P
USB 2.0 Hub and Flash Media Card Controller Combo
01/27/15
logo
PHOENIX CONTACT
SF-Z0052 PHOENIX-SF-Z0052 Datasheet
46Kb / 1P
Media hub
1615413 PHOENIX-1615413 Datasheet
46Kb / 1P
Media hub - SF-Z0052
logo
Microchip Technology
USB82642 MICROCHIP-USB82642 Datasheet
707Kb / 64P
Automotive USB 2.0 Hub and Flash Media Card Controller Combo
02/28/20
logo
PHOENIX CONTACT
5145339 PHOENIX-5145339 Datasheet
50Kb / 2P
Cutter - THERMOMARK S1-CUTTER
09/12/2020
5146257 PHOENIX-5146257 Datasheet
70Kb / 3P
THERMOMARK S1.1
Feb 10, 2011
5146147 PHOENIX-5146147 Datasheet
77Kb / 3P
THERMOMARK W2
Feb 10, 2011
5146231 PHOENIX-5146231 Datasheet
80Kb / 3P
THERMOMARK X1.2
Feb 10, 2011
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com