Electronic Components Datasheet Search
  English  ▼

X  

5147421 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 5147421
Description  Ink cartridge - BLUEMARK FLUID-CARTRIDGE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

5147421 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  5147421 Datasheet HTML 1Page - PHOENIX CONTACT 5147421 Datasheet HTML 2Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
https://www.phoenixcontact.com/pi/products/5147421
09/12/2020   Page 1 / 2
Ink cartridge - BLUEMARK FLUID-CARTRIDGE - 5147421
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Cartridge, for replacement, 28 ml UV color, black including cleaning cartridge
Key Commercial Data
Packing unit
1 pc
GTIN
GTIN
4046356166614
Technical data
Environmental Product Compliance
REACh SVHC
Lead 7439-92-1
China RoHS
Environmentally friendly use period: unlimited = EFUP-e
No hazardous substances above threshold values
Classifications
eCl@ss
eCl@ss 10.0.1
19149290
eCl@ss 4.0
24010400
eCl@ss 4.1
24010400
eCl@ss 5.0
19029100
eCl@ss 5.1
19029100
eCl@ss 6.0
19149200
eCl@ss 7.0
19149290
eCl@ss 8.0
19149290
eCl@ss 9.0
19149290


Similar Part No. - 5147421

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
5147492 PHOENIX-5147492 Datasheet
173Kb / 4P
BLUEMARK X1-DUMMY-CARTRIDGE - Ink cartridge
More results

Similar Description - 5147421

ManufacturerPart #DatasheetDescription
logo
Visual Communications C...
910 VCC-910 Datasheet
347Kb / 1P
Cartridge Lamps
logo
Pasternack Enterprises,...
PE7301-2000CART PASTERNACK-PE7301-2000CART Datasheet
180Kb / 1P
Replacement Cartridge
logo
Festo Corporation.
EGZ-6-5 FESTO-EGZ-6-5 Datasheet
109Kb / 1P
Cartridge cylinder
EGZ-16-10 FESTO-EGZ-16-10 Datasheet
109Kb / 1P
Cartridge cylinder
logo
PHOENIX CONTACT
1044345 PHOENIX-1044345 Datasheet
53Kb / 2P
Ink cartridge - BM ID-CARTR. BK
09/12/2020
1044351 PHOENIX-1044351 Datasheet
49Kb / 2P
Ink cartridge - BM ID-DUMMY CARTR. BK
09/12/2020
1044352 PHOENIX-1044352 Datasheet
50Kb / 2P
Ink cartridge - BM ID-DUMMY CARTR. CY
09/12/2020
1044354 PHOENIX-1044354 Datasheet
49Kb / 2P
Ink cartridge - BM ID-DUMMY CARTR. YE
09/12/2020
5146662 PHOENIX-5146662 Datasheet
56Kb / 3P
Ink cartridge - BLUEMARK CLED-FLUID-CARTR
09/12/2020
5146684 PHOENIX-5146684 Datasheet
51Kb / 2P
Ink cartridge - CMS-INK-TR-C5
09/12/2020
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com