Electronic Components Datasheet Search
  English  ▼

X  

MAX4409 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX4409
Description  80mW, DirectDrive Stereo Headphone Amplifier with Common-Mode Sense
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4409 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX4409 Datasheet HTML 1Page - Maxim Integrated Products MAX4409 Datasheet HTML 2Page - Maxim Integrated Products MAX4409 Datasheet HTML 3Page - Maxim Integrated Products MAX4409 Datasheet HTML 4Page - Maxim Integrated Products MAX4409 Datasheet HTML 5Page - Maxim Integrated Products MAX4409 Datasheet HTML 6Page - Maxim Integrated Products MAX4409 Datasheet HTML 7Page - Maxim Integrated Products MAX4409 Datasheet HTML 8Page - Maxim Integrated Products MAX4409 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
80mW, DirectDrive, Stereo Headphone
Amplifier with Common-Mode Sense
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(PVDD = SVDD = 3V, PGND = SGND = 0V, SHDN = SVDD, C1 = C2 = 2.2µF, RIN = RF = R1 = R2 = 10kΩ, RL = ∞, TA = TMIN to TMAX,
unless otherwise noted. Typical values are at TA = +25°C.) (Note 1)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
PGND to SGND .....................................................-0.3V to +0.3V
PVDD to SVDD .................................................................-0.3V to +0.3V
PVSS to SVSS .........................................................-0.3V to +0.3V
PVDD and SVDD to PGND or SGND .........................-0.3V to +4V
PVSS and SVSS to PGND or SGND ..........................-4V to +0.3V
IN_ and COM to SGND.................................SVSS to (SVDD - 1V)
IN_ to COM .....................................(COM + 2V) to (COM - 0.3V)
SHDN_ to SGND........................(SGND - 0.3V) to (SVDD + 0.3V)
OUT_ to SGND ............................(SVSS - 0.3V) to (SVDD + 0.3V)
C1P to PGND.............................(PGND - 0.3V) to (PVDD + 0.3V)
C1N to PGND .............................(PVSS - 0.3V) to (PGND + 0.3V)
Output Short Circuit to GND or VDD...........................Continuous
Continuous Power Dissipation (TA = +70°C)
14-Pin TSSOP (derate 9.1mW/°C above +70°C) ..........727mW
20-Pin Thin QFN (derate 16.9mW/°C above +70°C) ..1349mW
Junction Temperature ......................................................+150°C
Operating Temperature Range ...........................-40°C to +85°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Supply Voltage Range
VDD
Guaranteed by PSRR test
1.8
3.6
V
Quiescent Supply Current
IDD
5
8.4
mA
Shutdown Supply Current
ISHDN
SHDN = GND
6
10
µA
VIH
0.7 x
SVDD
SHDN Thresholds
VIL
0.3 x
SVDD
V
SHDN Input Leakage Current
-1
+1
µA
SHDN to Full Operation
tSON
175
µs
CHARGE PUMP
Oscillator Frequency
fOSC
272
320
368
kHz
AMPLIFIERS
Input Offset Voltage
VOS
RL = 32Ω
0.5
2.4
mV
Input Bias Current
IBIAS
-700
-100
0nA
COM Bias Current
ICOM
-1400
-200
0nA
Equivalent Input Offset Current
IOS
IOS = (IBIAS(INR) + IBIAS(INL) - ICOM) / 2
±2
nA
COM Input Range
VCOM
Inferred from CMRR test
-500
+500
mV
Common-Mode Rejection Ratio
CMRR
-500mV ≤ VCOM ≤ +500mV, RSOURCE ≤ 10Ω
75
96
dB
1.8V ≤ VDD ≤ 3.6V
DC (Note 2)
75
86
fRIPPLE = 1kHz
76
Power-Supply Rejection Ratio
PSRR
VDD = 3.0V,
200mVP-P ripple
fRIPPLE = 20kHz
48
dB
RL = 32Ω
65
Output Power
POUT
THD+N = 1%, TA = +25°C
RL = 16Ω
55
80
mW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com