Electronic Components Datasheet Search
  English  ▼

X  

PI6C2401W Datasheet(PDF) 4 Page - Pericom Semiconductor Corporation

Part # PI6C2401W
Description  Phase-Locked Loop Clock Driver
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6C2401W Datasheet(HTML) 4 Page - Pericom Semiconductor Corporation

  PI6C2401W Datasheet HTML 1Page - Pericom Semiconductor Corporation PI6C2401W Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6C2401W Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6C2401W Datasheet HTML 4Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
PI6C2401
Phase-Locked Loop Clock Driver
4
PS8419C
01/12/05
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
Pericom Semiconductor Corporation • 1-800-435-2336 • www.pericom.com
Package Mechanical Information
Plastic 8-pin SOIC Package
e
d
o
C
g
n
i
r
e
d
r
Oe
d
o
C
e
g
a
k
c
a
Pe
p
y
T
e
g
a
k
c
a
Pe
g
n
a
R
g
n
i
t
a
r
e
p
O
W
1
0
4
2
C
6
I
PW
C
I
O
S
l
i
m
-
0
5
1
n
i
p
-
8l
a
i
c
r
e
m
m
o
C
E
W
1
0
4
2
C
6
I
PW
n
e
e
r
G
d
n
a
e
e
r
f
-
b
P
C
I
O
S
l
i
m
-
0
5
1
n
i
p
-
8
l
a
i
c
r
e
m
m
o
C
Ordering Information
.0040
.0098
SEATING PLANE
.013
.020
.050
BSC
.016
.0075
.0098
1
8
.0099
.0196
0-8˚
.050
.149
.157
X.XX
X.XX
DENOTES DIMENSIONS
IN MILLIMETERS
3.78
3.99
.189
.196
4.80
5.00
1.27
.016
.026
1.35
1.75
.2284
.2440
5.80
6.20
0.406
0.660
0.330
0.508
0.10
0.25
0.40
1.27
0.19
0.25
0.25
0.50
x 45˚
.053
.068
REF



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com