Electronic Components Datasheet Search
  English  ▼

X  

557780 Datasheet(PDF) 2 Page - Festo Corporation.

Part # 557780
Description  Proportional pressure control valve
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

557780 Datasheet(HTML) 2 Page - Festo Corporation.

  557780 Datasheet HTML 1Page - Festo Corporation. 557780 Datasheet HTML 2Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Feature
Value
Certification
RCM compliance mark
c UL us - Listed (OL)
KC characters
KC EMC
CE marking (see declaration of conformity)
As per EU EMC directive
Corrosion resistance class (CRC)
2 - Moderate corrosion stress
LABS conformity
VDMA24364-B2-L
Temperature of medium
10 °C ... 50 °C
Degree of protection
IP65
Ambient temperature
0 °C ... 60 °C
Product weight
390 g
Linearity
1 %FS
Hysteresis
0.5 %FS
Reproducibility
0.5 %FS
Overall accuracy
1.25 %FS
Temperature coefficient
0.04 %/K
Electrical connection
5-pin
M12
Plug
Type of mounting
With through-hole
Pneumatic connection 1
G1/8
Pneumatic connection 2
G1/8
Pneumatic connection 3
G1/8
Note on materials
Free of copper and PTFE
RoHS-compliant
Housing material
Wrought aluminum alloy
Anodized
1/21/22 - Subject to change - Festo AG & Co. KG
2/2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com