Electronic Components Datasheet Search
  English  ▼

X  

8086472 Datasheet(PDF) 2 Page - Festo Corporation.

Part # 8086472
Description  Proportional flow control valve
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

8086472 Datasheet(HTML) 2 Page - Festo Corporation.

  8086472 Datasheet HTML 1Page - Festo Corporation. 8086472 Datasheet HTML 2Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Feature
Value
Ambient temperature
0 °C ... 50 °C
Storage temperature
-20 °C ... 70 °C
Nominal operating voltage DC
24 V
DC operating voltage range
22 V ... 26.4 V
Max. current consumption
40 mA
Max. electrical power consumption
1 W
Electrical connection
4-pin
M8x1
M8x1 A-coded as per EN 61076-2-104
Plug
as per EN 60947-5-2
Reference value
0.2 - 10 V
Analog input signal range
0.2 - 10 V
Analog output signal range
0.2 - 10 V
Reverse polarity protection
for operating voltage connections
Product weight
92 g
Seals material
EPDM
NBR
Cover material
PA-reinforced
Note on materials
Contains paint-wetting impairment substances
RoHS-compliant
Dimensions W x L x H
37 mm x 70 mm x 31 mm
37 mm x 70 mm x 31 mm
Type of mounting
Direct fastening via thread
Mounting position
Any
Certification
RCM compliance mark
Conforms to standard
EN 61000-6-2 (EMC)
EN 61000-6-3 (EMC)
KC characters
KC EMC
CE marking (see declaration of conformity)
As per EU EMC directive
As per EU RoHS directive
UKCA marking (see declaration of conformity)
To UK instructions for EMC
To UK RoHS instructions
LABS conformity
VDMA24364 zone III
1/21/22 - Subject to change - Festo AG & Co. KG
2/2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com