Electronic Components Datasheet Search
  English  ▼

X  

8088772 Datasheet(PDF) 2 Page - Festo Corporation.

Part # 8088772
Description  Valve control module
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

8088772 Datasheet(HTML) 2 Page - Festo Corporation.

  8088772 Datasheet HTML 1Page - Festo Corporation. 8088772 Datasheet HTML 2Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Feature
Value
Communication interface, connection pattern
00991872
Communication interface, function
Parameterization and commissioning
Communication interface, protocol
ASCII via RS232
Communication interface, transmission rate
9.6–115.2 kBd
Communication interface, galvanic isolation
no
Ethernet interface, connection type
Socket
Ethernet interface, connection technology
RJ45
Ethernet interface, transmission rate
10/100 Mbit/s
Ethernet interface, function
Parameterization and commissioning
Ethernet interface, protocol
Modbus® TCP
Ethernet interface, connection pattern
00995789
Electrical connection output, connection type
2x terminal strip
Electrical connection output, connection technology
Spring-loaded terminal
Electrical output connection, number of pins/wires
8
Electrical connection for output, connection pattern
00997304
Electrical connection for output, conductor cross section
0.08 mm² ... 0.5 mm²
Electrical connection output, function
Switching output
CE marking (see declaration of conformity)
As per EU EMC directive
As per EU low voltage directive
Vibration resistance
Transport application test with severity level 2 as per FN 942017-4 and
EN 60068-2-6
Shock resistance
Shock test with severity level 2 as per FN 942017-5 and EN 60068-2-27
Corrosion resistance class (CRC)
0 - No corrosion stress
Storage temperature
-20 °C ... 70 °C
Relative air humidity
0 - 95 %
Non-condensing
Degree of protection
IP20
Ambient temperature
0 °C ... 50 °C
Certification
RCM compliance mark
Nominal altitude of use above sea level
<= 2000 m NHN
Product weight
98 g
Type of mounting
With through-hole
Housing colour
Black
Housing material
PA
Note on materials
Contains paint-wetting impairment substances
RoHS-compliant
1/21/22 - Subject to change - Festo AG & Co. KG
2/2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com