Electronic Components Datasheet Search
  English  ▼

X  

SSD1730QL3 Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # SSD1730QL3
Description  SSD1730 MLA Power Chip CMOS
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SSD1730QL3 Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button SSD1730QL3 Datasheet HTML 6Page - List of Unclassifed Manufacturers SSD1730QL3 Datasheet HTML 7Page - List of Unclassifed Manufacturers SSD1730QL3 Datasheet HTML 8Page - List of Unclassifed Manufacturers SSD1730QL3 Datasheet HTML 9Page - List of Unclassifed Manufacturers SSD1730QL3 Datasheet HTML 10Page - List of Unclassifed Manufacturers SSD1730QL3 Datasheet HTML 11Page - List of Unclassifed Manufacturers SSD1730QL3 Datasheet HTML 12Page - List of Unclassifed Manufacturers SSD1730QL3 Datasheet HTML 13Page - List of Unclassifed Manufacturers SSD1730QL3 Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
SOLOMON
Rev 2.0
04/2002
SSD1730
8
8. DC CHARACTERISTICS
Maximum Ratings
Symbol
Parameter
Value
Unit
VDD_PWR
Supply voltage
3.7
V
-V1
Row driver negative supply voltage
VEE–0.3 to 0.3
V
Vin
Input voltage
-0.3 to VDD_PWR+3.0
V
IDD
Input current
10
mA
IV2
Output current at V2
6
mA
I-V2
Output current at -V2
6
mA
I-V3
Output current at -V3
5
mA
IVEE
Output current at VEE
1
mA
IVDD_ROW
Output current at VDD_ROW
0.1
mA
TA
Operating Temperature
-20 to +85
°C
TSTG
Storage Temperature Range
-65 to +150
°C
Table 10 - Maximum Ratings for DC characteristics (Voltage Referenced to VSS, TA=25°C)
Maximum ratings are those values beyond which damage to the device may occur. Functional operation should be restricted to
the limits shown in the Electrical characteristics table.
This device contain circuitry to protect the inputs against damage due to high static voltages of electric fields;
however, it is advised that normal precautions to be taken to avoid application of any voltage higher than maximum
rated voltages to this high impedance circuit. All dummy pins and NC pins must be left open & unconnected. Do
not connect or group dummy pins or NC pins together.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com