Electronic Components Datasheet Search
  English  ▼

X  

2001-554 Datasheet(PDF) 2 Page - WAGO Kontakttechnik GmbH & Co. KG

Part # 2001-554
Description  Modular TOPJOB짰S connector; modular; for jumper contact slot
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WAGO [WAGO Kontakttechnik GmbH & Co. KG]
Direct Link  https://www.wago.com/global/
Logo WAGO - WAGO Kontakttechnik GmbH & Co. KG

2001-554 Datasheet(HTML) 2 Page - WAGO Kontakttechnik GmbH & Co. KG

  2001-554 Datasheet HTML 1Page - WAGO Kontakttechnik GmbH & Co. KG 2001-554 Datasheet HTML 2Page - WAGO Kontakttechnik GmbH & Co. KG 2001-554 Datasheet HTML 3Page - WAGO Kontakttechnik GmbH & Co. KG 2001-554 Datasheet HTML 4Page - WAGO Kontakttechnik GmbH & Co. KG 2001-554 Datasheet HTML 5Page - WAGO Kontakttechnik GmbH & Co. KG 2001-554 Datasheet HTML 6Page - WAGO Kontakttechnik GmbH & Co. KG 2001-554 Datasheet HTML 7Page - WAGO Kontakttechnik GmbH & Co. KG 2001-554 Datasheet HTML 8Page - WAGO Kontakttechnik GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Data sheet | Item number: 2001-554
www.wago.com/2001-554
Subject to changes. Please also observe the further product documentation!
WAGO GmbH & Co. KG
Hansastr. 27
32423 Minden
Phone: +49571 887-0 | Fax: +49571 887-169
Email: info.de@wago.com | Web: www.wago.com
Do you have any questions about our products?
We are always happy to take your call at +49 (571) 887-44222.
25.11.2021    Page /
2 8
Electrical data
Ratings per IEC/EN
Nominal voltage (III/3)
500 V
 
Rated surge voltage (III/3)
6 kV
 
Rated current
18 A
 
Legend (ratings)
(III / 3) ≙ Overvoltage category III / Pollution degree 3
Connection data
Total number of connection points
4
Total number of potentials
4
Connection 1
Connection technology
Push-in CAGE CLAMP
®
Actuation type
Operating tool
Nominal cross-section
1.5 mm²
Solid conductor
0.25 … 2.5 mm² / 22 … 14 AWG
Solid conductor; push-in termination
0.75 … 2.5 mm² / 18 … 14 AWG
Fine-stranded conductor
0.25 … 2.5 mm² / 22 … 14 AWG
Fine-stranded conductor; with insulated ferrule
0.25 … 1.5 mm² / 22 … 16 AWG
Fine-stranded conductor; with ferrule; push-in termination
0.75 … 1.5 mm² / 18 … 16 AWG
Note (conductor cross-section)
Depending on the conductor characteristic, a conductor with a
smaller cross-section can also be inserted via push-in termination.
Strip length
9 … 11 mm / 0.35 … 0.43 inch
Pole No.
4
Wiring direction
Side-entry wiring
Physical data
Width
16.8 mm / 0.661 inch
Module width
4.2 mm / 0.165 inch
Mechanical data
Marking level
Center/side marking



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com