Electronic Components Datasheet Search
  English  ▼

X  

AD9887A Datasheet(PDF) 13 Page - Analog Devices

Part # AD9887A
Description  Dual Interface for Flat Panel Displays
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9887A Datasheet(HTML) 13 Page - Analog Devices

Back Button AD9887A Datasheet HTML 9Page - Analog Devices AD9887A Datasheet HTML 10Page - Analog Devices AD9887A Datasheet HTML 11Page - Analog Devices AD9887A Datasheet HTML 12Page - Analog Devices AD9887A Datasheet HTML 13Page - Analog Devices AD9887A Datasheet HTML 14Page - Analog Devices AD9887A Datasheet HTML 15Page - Analog Devices AD9887A Datasheet HTML 16Page - Analog Devices AD9887A Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 44 page
background image
REV. 0
AD9887A
–13–
Outputs
RED A
Data Output, Red Channel, Port A/EVEN
RED B
Data Output, Red Channel, Port B/ODD
GREEN A
Data Output, Green Channel, Port A/EVEN
GREEN B
Data Output, Green Channel, Port B/ODD
BLUE A
Data Output, Blue Channel, Port A/EVEN
BLUE B
Data Output, Blue Channel, Port B/ODD
These are the main data outputs. Bit 7 is the MSB.
Each channel has two ports. When the part is
operated in single-channel mode (DEMUX = 0),
all data are presented to Port A, and Port B is
placed in a high impedance state.
Programming DEMUX to 1 established dual-
channel mode, wherein alternate pixels are
presented to Port A and Port B of each channel.
These will appear simultaneously, two pixels
presented at the time of every second input
pixel, when PAR is set to 1 (parallel mode).
When PAR = 0, pixel data appear alternately
on the two ports, one new sample with each
incoming pixel (interleaved mode).
In dual-channel mode, the first pixel after
HSYNC is routed to Port A. The second pixel
goes to Port B, the third to A, etc.
The delay from pixel sampling time to output is
fixed. When the sampling time is changed by
adjusting the PHASE register, the output timing is
shifted as well. The DATACK,
DATACK, and
HSOUT outputs are also moved, so the timing
relationship among the signals is maintained.
DATACK
Data Output Clock
DATACK
Data Output Clock Complement
Differential data clock output signals to be
used to strobe the output data and HSOUT
into external logic.
They are produced by the internal clock gen-
erator and are synchronous with the internal
pixel sampling clock.
When the AD9887A is operated in single-
channel mode, the output frequency is equal
to the pixel sampling frequency. When operating
in dual-channel mode, the clock frequency is
one-half the pixel frequency.
When the sampling time is changed by adjusting
the PHASE register, the output timing is shifted
as well. The Data, DATACK,
DATACK, and
HSOUT outputs are all moved, so the timing
relationship among the signals is maintained.
Power Supply
VD
Main Power Supply
These pins supply power to the main elements
of the circuit. It should be filtered to be as
quiet as possible.
VDD
Digital Output Power Supply
These supply pins are identified separately
from the VD pins so special care can be taken
to minimize output noise transferred into the
sensitive analog circuitry.
If the AD9887A is interfacing with lower-
voltage logic, VDD may be connected to a lower
supply voltage (as low as 2.2 V) for compatibility.
PVD
Clock Generator Power Supply
The most sensitive portion of the AD9887A
is the clock generation circuitry. These pins
provide power to the clock PLL and help the
user design for optimal performance. The
designer should provide noise-free power to
these pins.
GND
Ground
The ground return for all circuitry on-chip. It is
recommended that the application circuit
board have a single, solid ground plane.
THEORY OF OPERATION (INTERFACE DETECTION)
Active Interface Detection and Selection
The AD9887A includes circuitry to detect whether an interface
is active (see Table III).
For detecting the analog interface, the circuitry monitors the
presence of HSYNC, VSYNC, and Sync-on-Green. The result of
the detection circuitry can be read from the 2-wire serial interface
bus at Address 11H Bits 7, 6, and 5, respectively. If one of these
sync signals disappears, the maximum time it takes for the
circuitry to detect it is 100 ms.
There are two stages for detecting the digital interface. The first
stage searches for the presence of the digital interface clock. The
circuitry for detecting the digital interface clock is active even
when the digital interface is powered down. The result of this
detection stage can be read from the 2-wire serial interface bus at
Address 11H Bit 4. If the clock disappears, the maximum time it
takes for the circuitry to detect it is 100 ms. Once a digital inter-
face clock is detected, the digital interface is powered up and the
second stage of detection begins. During the second stage, the
circuitry searches for 32 consecutive DEs. Once 32 DEs are
found, the detection process is complete.
There is an override for the automatic interface selection. It is
the AIO bit (active interface override). When the AIO bit is set
to Logic 0, the automatic circuitry will be used. When the AIO
bit is set to Logic 1, the AIS bit will be used to determine the
active interface rather than the automatic circuitry.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com