Electronic Components Datasheet Search
  English  ▼

X  

SMF Datasheet(PDF) 12 Page - FutureWafer Tech Co.,Ltd

Part # SMF
Description  300W Transient Voltage Suppression Diodes
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUTUREWAFER [FutureWafer Tech Co.,Ltd]
Direct Link  http://futurewafer.com.tw/
Logo FUTUREWAFER - FutureWafer Tech Co.,Ltd

SMF Datasheet(HTML) 12 Page - FutureWafer Tech Co.,Ltd

Back Button SMF Datasheet HTML 4Page - FutureWafer Tech Co.,Ltd SMF Datasheet HTML 5Page - FutureWafer Tech Co.,Ltd SMF Datasheet HTML 6Page - FutureWafer Tech Co.,Ltd SMF Datasheet HTML 7Page - FutureWafer Tech Co.,Ltd SMF Datasheet HTML 8Page - FutureWafer Tech Co.,Ltd SMF Datasheet HTML 9Page - FutureWafer Tech Co.,Ltd SMF Datasheet HTML 10Page - FutureWafer Tech Co.,Ltd SMF Datasheet HTML 11Page - FutureWafer Tech Co.,Ltd SMF Datasheet HTML 12Page - FutureWafer Tech Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
SMF Series
300W Transient Voltage Suppression Diodes
Document Number: F12122A
19-JUL-2021 V 2.1
www.futurewafer.com.tw
12/12
8. Ordering Information
9. Version
9-1. History
9-2. Company Profile
Futurewafer Tech Co., Ltd. 台灣未來芯科技股份有限公司
TEL: +886-3-3350161 / FAX: +886-3-3350172
cherry@futurewafer.com.tw
No. 286-11F, Sec. 3, Sanmin Rd., Taoyuan Dist., Taoyuan City 330, Taiwan



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com