Electronic Components Datasheet Search
  English  ▼

X  

8109876 Datasheet(PDF) 1 Page - Festo Corporation.

Part # 8109876
Description  Electronics module
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

8109876 Datasheet(HTML) 1 Page - Festo Corporation.

  8109876 Datasheet HTML 1Page - Festo Corporation. 8109876 Datasheet HTML 2Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Electronics module
VAVE-P17-TP-5YL1-P
Part number: 8109876
Data sheet
Feature
Value
Reverse polarity protection
for operating voltage
Additional functions
Protective circuit
DC operating voltage range
12 V ... 24 V
Setpoint input input resistance
10 kOhm
Adjustable output voltage
0 V ... 310 V
Power consumption at 24 VDC
1.2 W
Max. output current
5 mA
Nominal operating voltage DC
12 V ... 24 V
External setpoint input voltage
0 V ... 10 V
Certification
RCM compliance mark
KC characters
KC EMC
CE marking (see declaration of conformity)
As per EU EMC directive
Corrosion resistance class (CRC)
1 - Low corrosion stress
Degree of protection
IP40
Ambient temperature
-10 °C ... 60 °C
Storage temperature
-40 °C ... 80 °C
Mounting position
Any
Max. tightening torque
0.525 Nm
Bending radius, fixed cable installation
13.5 mm
Bending radius, flexible cable installation
45 mm
Product weight
35 g
Electrical connection 1, function
Field device end
Electrical connection 1, design
Rectangular
Electrical connection 1, connection type
Socket
Electrical connection 1, connection technology
Festo-specific coding
Electrical connection 1, number of pins/wires
3
Electrical connection 1, occupied pins/wires
3
Electrical connection 1, type of mounting
Inserted
Electrical connection for input 1, connection pattern
00997359
Electrical connection 2, function
Control side
Electrical connection 2, connection type
Cable
Electrical connection 2, cable outlet
Straight
Electrical connection 2, number of pins/wires
4
Electrical connection 2, occupied pins/wires
4
Cable design
4 x 0.25 mm²
Cable diameter
4.5 mm
1/21/22 - Subject to change - Festo AG & Co. KG
1/2


Similar Part No. - 8109876

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
8109875 FESTO-8109875 Datasheet
70Kb / 2P
Electronics module
1/21/22
8109877 FESTO-8109877 Datasheet
78Kb / 2P
Electrical plug base
8109878 FESTO-8109878 Datasheet
78Kb / 2P
Electrical plug base
More results

Similar Description - 8109876

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
8109875 FESTO-8109875 Datasheet
70Kb / 2P
Electronics module
1/21/22
533360 FESTO-533360 Datasheet
79Kb / 1P
Electronics module
8/9/22
533361 FESTO-533361 Datasheet
78Kb / 1P
Electronics module
8/9/22
537984 FESTO-537984 Datasheet
76Kb / 1P
Electronics module
8/9/22
537985 FESTO-537985 Datasheet
74Kb / 1P
Electronics module
8/9/22
537987 FESTO-537987 Datasheet
77Kb / 1P
Electronics module
8/9/22
543332 FESTO-543332 Datasheet
76Kb / 1P
Electronics module
8/9/22
543333 FESTO-543333 Datasheet
79Kb / 1P
Electronics module
8/9/22
543334 FESTO-543334 Datasheet
76Kb / 1P
Electronics module
8/9/22
8066765 FESTO-8066765 Datasheet
81Kb / 1P
Electronics module
8/9/22
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com