Electronic Components Datasheet Search
  English  ▼

X  

MSK5130 Datasheet(PDF) 2 Page - M.S. Kennedy Corporation

Part # MSK5130
Description  HIGH CURRENT, LOW DROPOUT VOLTAGE REGULATORS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation

MSK5130 Datasheet(HTML) 2 Page - M.S. Kennedy Corporation

  MSK5130 Datasheet HTML 1Page - M.S. Kennedy Corporation MSK5130 Datasheet HTML 2Page - M.S. Kennedy Corporation MSK5130 Datasheet HTML 3Page - M.S. Kennedy Corporation MSK5130 Datasheet HTML 4Page - M.S. Kennedy Corporation MSK5130 Datasheet HTML 5Page - M.S. Kennedy Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Output Current Limit
Output Noise
Shutdown Output Current
Flag Output Leakage
Flag Output On Voltage
Flag Threshold
Reference Voltage
Reference Voltage Temp Drift
Adjust Pin Bias Current
Thermal Resistance
Thermal Shutdown
Max.
±1.0
±2.0
175
600
±1.0
±2.0
±0.5
±1.0
5.0
35
-
-
-
0.8
75
2
20
2
0.4
-
1.26
-
120
2.4
-
Output Voltage Tolerance
Dropout Voltage
Load Regulation
Line Regulation
Ground Current
Enable Input Voltage
Enable Input Current
Storage Temperature Range
Lead Temperature
(10 Seconds Soldering)
Operating Temperature
MSK 5130 Series
MSK 5130B Series
%
%
mV
mV
%
%
%
%
A
mA
mA
µV
V
V
µA
µA
µA
µA
V
mV
V
ppm
/°C
nA
°C/W
°C
∆VOUT=-1%; IOUT=100mA
∆VOUT=-1%; IOUT=3A
VIN=VOUT+5V
10mA ≤ IOUT ≤ 3A
(VOUT +1V) ≤ VIN ≤ 26V
IOUT=10mA
VOUT=0V; VIN=VOUT+1V
VIN=VOUT+1V; IOUT=1.5A
VIN=VOUT+1V; IOUT=3A
CL=20µF; 10Hz ≤ f ≤ 100KHz
VENABLE ≤ 0.8V
VOH=26V
IOL ≤ 250µA; VIN=VOUT-2V
VIN=VOUT-7%
Normal Operation
Normal Operation
Full Temp; VIN=VOUT+1V
Junction to Case
TJ
Input Voltage (100mS 1%D.C.)
Input Voltage
Enable Voltage
Output Current
Adjustable
+3.3V
+5.0V
+12.0V
VINP
VIN
VEN
IOUT
Parameter
TST
TLD
TJ
ELECTRICAL SPECIFICATIONS
ABSOLUTE MAXIMUM RATINGS
-65°C to +150°C
300°C
-40°C to +85°C
-55°C to +125°C
1
Test Conditions
1
2
3
4
5
6
7
8
9
NOTES:
Output decoupled to ground using 20µF minimum capacitor unless otherwise specified.
This parameter is guaranteed by design but need not be tested.
Typical parameters are representative of actual device performance but are for reference only.
All output parameters are tested using a low duty cycle pulse to maintain TJ = TC.
Industrial grade devices shall be tested to subgroup 1 unless otherwise specified.
Military grade devices ('B' suffix) shall be 100% tested to subgroups 1,2 and 3.
Subgroup 1
Subgroup 2
Subgroup 3
Please consult the factory if alternate output voltages are required.
Applies to MSK5130-00 adjustable version only.
Applies to fixed output devices only.
PART
NUMBER
OUTPUT
VOLTAGE
TC=+25°C
TJ=+125°C
TA=-55°C
MSK5130-00
MSK5130-3.3
MSK5130-5.0
MSK5130-12
HIGH/ON
LOW/OFF
HIGH/ON
LOW/OFF
MSK 5130B SERIES
Min.
-
-
-
-
-
-
-
-
-
-
-
-
2.4
-
-
-
-
-
-
-
1.22
-
-
-
-
Typ.
±0.5
±1.0
80
350
±0.2
±0.3
±0.05
±0.5
4.5
10
32
400
1.2
1.2
20
1
10
0.01
0.2
75
1.24
20
40
2.1
135
Typ.
±0.5
-
80
350
±0.2
±0.3
±0.05
±0.5
4.5
10
32
400
1.2
1.2
20
1
10
0.01
0.2
75
1.24
20
40
2.1
135
MSK 5130 SERIES
Min.
-
-
-
-
-
-
-
-
-
-
-
-
2.4
-
-
-
-
-
-
-
1.22
-
-
-
-
Max.
±1.0
-
200
625
±1.2
-
±0.6
-
5.0
35
-
-
-
0.8
75
2
20
2
0.4
-
1.26
-
150
2.5
-
Units
2
2
2
2
8
2 8
8
2 9
9
2 9
2
3
Group A
Subgroup
1
2,3
1
1
1
2,3
1
2,3
-
-
-
-
1
1
1
1
-
-
1
-
1
-
-
-
-
2
IOUT=10mA; VIN=VOUT+1V
2
-20V to +60V
26V
-0.3V to 26V
3.5A
2
2
2
2
Rev. C 7/00



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com