Electronic Components Datasheet Search
  English  ▼

X  

HID2844 Datasheet(PDF) 2 Page - Pepperl+Fuchs Inc.

Part # HID2844
Description  Switch Amplifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

HID2844 Datasheet(HTML) 2 Page - Pepperl+Fuchs Inc.

  HID2844 Datasheet HTML 1Page - Pepperl+Fuchs Inc. HID2844 Datasheet HTML 2Page - Pepperl+Fuchs Inc. HID2844 Datasheet HTML 3Page - Pepperl+Fuchs Inc. HID2844 Datasheet HTML 4Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Technical Data
Input
Connection side
field side
Connection
SL2: 5a(+), 5b(-); 1a(+), 1b(-); 3a(+), 3b(-); 7a(+), 7b(-)
Rated values
acc. to EN 60947-5-6 (NAMUR)
Connectable sensor types
potential free contact or proximity sensor
Switching point
contact open 0.2 ... 1.2 mA, contact closed 2.1 ... 6.5 mA
Line fault detection
breakage 0 ... 0.2 mA, short-circuit 6.5 mA ... maximum value
Output
Connection side
control side
Connection
SL1: 8a(+), 7a(-); 8b(+), 7b(-); 10a(+), 9a(-); 9b(+), 10b(-)
Rated voltage
Ur
30 V
Rated current
Ir
50 mA
Output
one optocoupled transistor per channel
Signal level
1-signal: (external voltage) -1 V
0-signal: blocked output (off-state current max. 50 µA, typical 5 µA)
Fault indication output
Connection
SL1: 6b
Output type
open collector transistor (internal fault bus)
Transfer characteristics
Switching frequency
< 2 kHz
Galvanic isolation
Output/power supply
functional insulation acc. to DIN EN 50178, rated insulation voltage 50 Veff
Output/Output
functional insulation acc. to DIN EN 50178, rated insulation voltage 50 Veff
Indicators/settings
Display elements
LEDs
Control elements
DIP switch
Configuration
via DIP switches
Labeling
space for labeling at the front
Directive conformity
Electromagnetic compatibility
Directive 2014/30/EU
EN 61326-1:2013 (industrial locations)
Conformity
Galvanic isolation
EN 50178
Electromagnetic compatibility
NE 21:2006
For further information see system description.
Degree of protection
IEC 60529
Ambient conditions
Ambient temperature
-20 ... 60 °C (-4 ... 140 °F)
Relative humidity
5 ... 90 %, non-condensing up to 35 °C (95 °F)
Mechanical specifications
Degree of protection
IP20
Mass
approx. 140 g
Dimensions
18 x 114 x 130 mm (0.7 x 4.5 x 5.1 inch) (W x H x D)
Mounting
on Termination Board
Coding
pin 1 and 2 trimmed
For further information see system description.
Data for application in connection with hazardous areas
EU-type examination certificate
CESI 02 ATEX 086
Marking
1
II (1)G [Ex ia Ga] IIC , 1 II (1)D [Ex ia Da] IIIC
Input
Ex ia, Ex iaD
Voltage
Uo
13.2 V
Current
Io
20 mA
Power
Po
66 mW
Supply
Switch Amplifier
HiD2844
2
Germany: +49 621 776 2222
Pepperl+Fuchs Group
Refer to "General Notes Relating to Pepperl+Fuchs Product Information".
USA: +1 330 486 0002
Singapore: +65 6779 9091
www.pepperl-fuchs.com
pa-info@us.pepperl-fuchs.com
pa-info@sg.pepperl-fuchs.com
pa-info@de.pepperl-fuchs.com



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com