Electronic Components Datasheet Search
  English  ▼

X  

HID2876 Datasheet(PDF) 2 Page - Pepperl+Fuchs Inc.

Part # HID2876
Description  Solenoid Driver
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

HID2876 Datasheet(HTML) 2 Page - Pepperl+Fuchs Inc.

  HID2876 Datasheet HTML 1Page - Pepperl+Fuchs Inc. HID2876 Datasheet HTML 2Page - Pepperl+Fuchs Inc. HID2876 Datasheet HTML 3Page - Pepperl+Fuchs Inc. HID2876 Datasheet HTML 4Page - Pepperl+Fuchs Inc. HID2876 Datasheet HTML 5Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Technical Data
Power dissipation
1 W at 24 V, 300 Ω load (per channel)
Input
Connection side
control side
Connection
SL1: 8a(+), 7a(-); 10a(+), 9a(-) bus powered
SL1: 8b(+), 7b(-); 9b(+), 10b(-) loop powered
Control input
external switch (dry contact or open collector) non isolated or logic signal input fully
floating
Signal level
1-signal: 15...30 V DC (current limited at 3 mA) or contact close (internal 10 kΩ pull-up)
0-signal: 0...5 V DC or contact open
Power dissipation
1 W at 24 V, 300 Ω load (per channel) for loop powered
Inrush current
0.2 A , 15 ms loop powered
Output
Connection side
field side
Connection
SL2: 5a(+), 5b(-), 7a(+); 1a(+), 1b(-), 3b(+)
Internal resistor
Ri
approx. 280 Ω
Current
Ie
≤ 40 mA
Voltage
Ue
≥ 11.2 V
Current limit
Imax
55 mA
Open loop voltage
Us
approx. 22.5 V
Load
nominal 0.1 ... 5 kΩ
Switching frequency
f
- bus powered: filter OFF: max. 150 Hz, filter ON: max. 15 Hz
- loop powered: max. 10 Hz
Energized/De-energized delay
- bus powered: filter OFF: 1 ms, filter ON: 10 ms
- loop powered: switch-on 50 ms, switch-off 6 ms (300 Ω load)
Fault indication output
Connection
SL1: 6b
Output type
open collector transistor (internal fault bus)
Fault current
4 mA pulsing (20 ms ON, 200 ms OFF)
Fault level
lead short-circuit detection at < 25 Ω
lead breakage detection at > 100 kΩ typical
Galvanic isolation
Output/Output
safe electrical isolation acc. to EN 60079-11: 2007, voltage peak value 60 V
Output/power supply, inputs, and collective
error
safe electrical isolation acc. to EN 60079-11: 2007, voltage peak value 375 V
Indicators/settings
Display elements
LEDs
Control elements
DIP switch
Configuration
via DIP switches
Labeling
space for labeling at the front
Directive conformity
Electromagnetic compatibility
Directive 2014/30/EU
EN 61326-1:2013 (industrial locations)
Conformity
Electromagnetic compatibility
NE 21:2006
For further information see system description.
Degree of protection
IEC 60529:2001
Ambient conditions
Ambient temperature
-20 ... 60 °C (-4 ... 140 °F)
Relative humidity
5 ... 90 %, non-condensing up to 35 °C (95 °F)
Mechanical specifications
Degree of protection
IP20
Mass
approx. 140 g
Dimensions
18 x 114 x 130 mm (0.7 x 4.5 x 5.1 inch) (W x H x D)
Mounting
on Termination Board
Coding
pin 1 and 3 trimmed
For further information see system description.
Solenoid Driver
HiD2876
2
Germany: +49 621 776 2222
Pepperl+Fuchs Group
Refer to "General Notes Relating to Pepperl+Fuchs Product Information".
USA: +1 330 486 0002
Singapore: +65 6779 9091
www.pepperl-fuchs.com
pa-info@us.pepperl-fuchs.com
pa-info@sg.pepperl-fuchs.com
pa-info@de.pepperl-fuchs.com



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com