Electronic Components Datasheet Search
  English  ▼

X  

ZB6CD02 Datasheet(PDF) 1 Page - Schneider Electric

Part # ZB6CD02
Description  Head for selector switch, Harmony XB6, illuminated square 횠 16 2 position stay put
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

ZB6CD02 Datasheet(HTML) 1 Page - Schneider Electric

  ZB6CD02 Datasheet HTML 1Page - Schneider Electric ZB6CD02 Datasheet HTML 2Page - Schneider Electric ZB6CD02 Datasheet HTML 3Page - Schneider Electric ZB6CD02 Datasheet HTML 4Page - Schneider Electric ZB6CD02 Datasheet HTML 5Page - Schneider Electric ZB6CD02 Datasheet HTML 6Page - Schneider Electric ZB6CD02 Datasheet HTML 7Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Product data sheet
Specifications
Head for selector switch, Harmony
XB6, illuminated square Ø 16 2
position stay put
ZB6CD02
Product availability : Non-Stock - Not normally stocked in
distribution facility
Price* : 13.40 USD
Main
Range of Product
Harmony XB6
Product or Component Type
Head for selector switch
Device short name
ZB6
Bezel material
Plastic
Mounting diameter
0.63 in (16 mm)
Sale per indivisible quantity
1
Shape of signaling unit head
Square
Type of operator
stay put
Operator profile
without handle
Operator position information
2 positions 60°
Complementary
CAD overall width
0.71 in (18 mm)
CAD overall height
0.71 in (18 mm)
Net Weight
0.04 lb(US) (0.016 kg)
Environment
Protective treatment
TC
Ambient Air Temperature for
Storage
-40…158 °F (-40…70 °C)
Ambient air temperature for
operation
-13…158 °F (-25…70 °C)
Electrical shock protection
class
Class II IEC 61140
IP degree of protection
IP65 IEC 60529
NEMA degree of protection
NEMA 13 UL 50
NEMA 4 UL 50
NEMA 4X UL 50
NEMA 13 CSA C22.2 No 94
NEMA 4 CSA C22.2 No 94
NEMA 4X CSA C22.2 No 94
Standards
EN/IEC 60947-1
EN/IEC 60947-5-1
EN/IEC 60947-5-5
*  Price is “List Price” and may be subject to a trade discount – check with your local distributor or retailer for actual price.
Jan 21, 2022
1


Similar Part No. - ZB6CD02

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
ZB6CD05 SCHNEIDER-ZB6CD05 Datasheet
181Kb / 7P
Head for selector switch, Harmony XB6, illuminated square 횠 16 3 position spring return
Jan 21, 2022
ZB6CD08 SCHNEIDER-ZB6CD08 Datasheet
181Kb / 7P
Head for selector switch, Harmony XB6, illuminated square 횠 16 2 position stay put
Jan 21, 2022
More results

Similar Description - ZB6CD02

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
ZB6AD02 SCHNEIDER-ZB6AD02 Datasheet
167Kb / 7P
Head for selector switch, Harmony XB6, illuminated 횠 16 2 position stay put
Jan 21, 2022
ZB6AD22 SCHNEIDER-ZB6AD22 Datasheet
162Kb / 7P
Head for selector switch, Harmony XB6, black 횠 16 2 position stay put
Jan 21, 2022
ZB6AD28 SCHNEIDER-ZB6AD28 Datasheet
162Kb / 7P
Head for selector switch, Harmony XB6, black 횠 16 2 position stay put
Jan 21, 2022
ZB6AGA SCHNEIDER-ZB6AGA Datasheet
155Kb / 6P
Head for key selector switch, Harmony XB6, 횠 16 2 position stay put 200
Jan 21, 2022
ZB6CD08 SCHNEIDER-ZB6CD08 Datasheet
181Kb / 7P
Head for selector switch, Harmony XB6, illuminated square 횠 16 2 position stay put
Jan 21, 2022
ZB6CD22 SCHNEIDER-ZB6CD22 Datasheet
159Kb / 7P
Head for selector switch, Harmony XB6, black square 횠 16 2 position stay put
Jan 21, 2022
ZB6CD23 SCHNEIDER-ZB6CD23 Datasheet
160Kb / 7P
Head for selector switch, Harmony XB6, black square 횠 16 3 position stay put
Jan 21, 2022
ZB6CD28 SCHNEIDER-ZB6CD28 Datasheet
160Kb / 7P
Head for selector switch, Harmony XB6, black square 횠 16 2 position stay put
Jan 21, 2022
ZB6CGB SCHNEIDER-ZB6CGB Datasheet
166Kb / 7P
Head for key selector switch, Harmony XB6, square 횠 16 2 position stay put 200
Jan 21, 2022
ZB6CGC SCHNEIDER-ZB6CGC Datasheet
166Kb / 7P
Head for key selector switch, Harmony XB6, square 횠 16 2 position stay put 200
Jan 21, 2022
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com