Electronic Components Datasheet Search
  English  ▼

X  

ROB-12421 Datasheet(PDF) 1 Page - SparkFun Electronics

Part # ROB-12421
Description  Hub Spacer - 1
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPARKFUN [SparkFun Electronics]
Direct Link  https://www.sparkfun.com/
Logo SPARKFUN - SparkFun Electronics

ROB-12421 Datasheet(HTML) 1 Page - SparkFun Electronics

  ROB-12421 Datasheet HTML 1Page - SparkFun Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Hub Spacer - 1"
ROB-12421
images are CC BY-NC-SA 3.0
Description: These ½" bore hub spacers allow you to space your sprocket, gear,
wheel, or other attachment from the mating hub. These hubs utilize the 0.77" hole
pattern common throughout Actobotics. This spacer is 1" thick.
Actobotics is a robotics building system based around extruded aluminum channels,
gears, precision shafts, and ball bearings. Thanks to the two standardized hole
patterns, nearly all Actobotics components can be intuitively connected together. The
wide range of components makes building complex electromechanical prototypes or
finished projects a reality.
2/9/2016
https://www.sparkfun.com/products/12421


Similar Part No. - ROB-12421

ManufacturerPart #DatasheetDescription
logo
SparkFun Electronics
ROB-12420 SPARKFUN-ROB-12420 Datasheet
90Kb / 1P
Smooth Belt - 1/8D (6.5 ID)
2/10/2016
ROB-12422 SPARKFUN-ROB-12422 Datasheet
95Kb / 1P
Precision Disc Wheel - 5 (Orange, 2 Pack)
2/15/2016
ROB-12424 SPARKFUN-ROB-12424 Datasheet
98Kb / 1P
Aluminum Beam - 3.08 (pair)
2/15/2016
ROB-12425 SPARKFUN-ROB-12425 Datasheet
97Kb / 1P
Precision Disc Wheel - 2 (Blue, 2 Pack)
2/12/2016
ROB-12427 SPARKFUN-ROB-12427 Datasheet
91Kb / 1P
Shaft - Solid (Stainless; 1/4D x 6L)
2/11/2016
More results

Similar Description - ROB-12421

ManufacturerPart #DatasheetDescription
logo
SparkFun Electronics
ROB-12112 SPARKFUN-ROB-12112 Datasheet
151Kb / 1P
Shaft Spacer - 1/2
8/5/2016
ROB-12149 SPARKFUN-ROB-12149 Datasheet
94Kb / 1P
Hub Spacer - 1/2
2/9/2016
ROB-12159 SPARKFUN-ROB-12159 Datasheet
96Kb / 1P
Hub Spacer - 1/4
2/9/2016
ROB-12193 SPARKFUN-ROB-12193 Datasheet
136Kb / 1P
Shaft Spacer - 1
8/4/2016
ROB-12214 SPARKFUN-ROB-12214 Datasheet
95Kb / 1P
Clamping Hub - 1/2 Bore
2/3/2016
ROB-12284 SPARKFUN-ROB-12284 Datasheet
96Kb / 1P
Hub Spacer - 1/8
2/9/2016
ROB-12298 SPARKFUN-ROB-12298 Datasheet
95Kb / 1P
Hub Spacer - 3/4
2/9/2016
ROB-12345 SPARKFUN-ROB-12345 Datasheet
96Kb / 1P
Hub Spacer - 1/8 (Solid)
2/9/2016
ROB-12350 SPARKFUN-ROB-12350 Datasheet
157Kb / 1P
Shaft Spacer - 1/4
8/3/2016
ROB-12401 SPARKFUN-ROB-12401 Datasheet
92Kb / 1P
Hub Spacer - 3/8
2/9/2016
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com