Electronic Components Datasheet Search
  English  ▼

X  

WCS3-CS70-E Datasheet(PDF) 1 Page - Pepperl+Fuchs Inc.

Part # WCS3-CS70-E
Description  WCS3 code rail extender
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

WCS3-CS70-E Datasheet(HTML) 1 Page - Pepperl+Fuchs Inc.

  WCS3-CS70-E Datasheet HTML 1Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1
WCS3 code rail extender
WCS3-CS70-E
Germany: +49 621 776 1111
Pepperl+Fuchs Group
Refer to "General Notes Relating to Pepperl+Fuchs Product Information".
USA: +1 330 486 0001
Singapore: +65 6779 9091
www.pepperl-fuchs.com
fa-info@us.pepperl-fuchs.com
fa-info@sg.pepperl-fuchs.com
fa-info@de.pepperl-fuchs.com
The code rail extension is always located at the end position 314,573 m to 314,573
m!
The first code rail segment always begins at 0 m and ends at 314,573 m.
Dimensions
Technical data
Ambient conditions
Ambient temperature
-40 ... 100 °C (-40 ... 212 °F)
Mechanical specifications
Material thickness
2 mm
Material
Metal sheet (steel), zinc-plated
Mass
710 g
Attention!
Use of reader WCS3B-LS*ES is a prerequisite for extending the code rail.
145
145
12,2
12,2
0 m
...
314,573 m
314,573 m
...
0 m
0 m
629,146 m
Model Number
WCS3-CS70-E
WCS3 code rail extender
Function
The WCS3 code rail extender allows you to
extend the code rail to a total length of up to
628 m.
Use the WCS3 code rail extender only for
straight track sections and with WCS3 read
heads that have the "Extended" option.
Matching system components
WCS3-CS70-M1
Code rail, stainless steel
WCS3-CS70-L1
Code rail, polyester laminate
WCS3B-LS221ES
Read head, RS-485 interface,
with RS-485 termination resistor


Similar Part No. - WCS3-CS70-E

ManufacturerPart #DatasheetDescription
logo
Pepperl+Fuchs Inc.
WCS3-CS70-L0 PF-WCS3-CS70-L0 Datasheet
106Kb / 1P
WCS3 code rail
WCS3-CS70-L1 PF-WCS3-CS70-L1 Datasheet
104Kb / 1P
WCS3 code rail
WCS3-CS70-L2 PF-WCS3-CS70-L2 Datasheet
107Kb / 1P
WCS3 code rail
WCS3-CS70-M1 PF-WCS3-CS70-M1 Datasheet
137Kb / 2P
WCS3 code rail
More results

Similar Description - WCS3-CS70-E

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
320AL001M08 GLENAIR-320AL001M08 Datasheet
75Kb / 1P
Extender Backshell
320AS002M16 GLENAIR-320AS002M16 Datasheet
71Kb / 1P
Extender Backshell
logo
Pepperl+Fuchs Inc.
WCS3-CS70-L0 PF-WCS3-CS70-L0 Datasheet
106Kb / 1P
WCS3 code rail
WCS3-CS70-L1 PF-WCS3-CS70-L1 Datasheet
104Kb / 1P
WCS3 code rail
WCS3-CS70-L2 PF-WCS3-CS70-L2 Datasheet
107Kb / 1P
WCS3 code rail
WCS3-CS70-M1 PF-WCS3-CS70-M1 Datasheet
137Kb / 2P
WCS3 code rail
WCS2-CS55-L1 PF-WCS2-CS55-L1 Datasheet
137Kb / 2P
WCS2 Code rail
WCS2-CS55-M1 PF-WCS2-CS55-M1 Datasheet
136Kb / 2P
WCS2 Code rail
WCS2-CS70-L1 PF-WCS2-CS70-L1 Datasheet
151Kb / 2P
WCS2 Code rail
WCS2-CS70-M1 PF-WCS2-CS70-M1 Datasheet
45Kb / 1P
WCS2 Code rail
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com