Electronic Components Datasheet Search
  English  ▼

X  

1504 Datasheet(PDF) 1 Page - Data Delay Devices, Inc.

Part # 1504
Description  FIXED DIP DELAY LINE TD/TR = 5
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DATADELAY [Data Delay Devices, Inc.]
Direct Link  http://www.datadelay.com
Logo DATADELAY - Data Delay Devices, Inc.

1504 Datasheet(HTML) 1 Page - Data Delay Devices, Inc.

  1504 Datasheet HTML 1Page - Data Delay Devices, Inc. 1504 Datasheet HTML 2Page - Data Delay Devices, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1504
Doc #01006
DATA DELAY DEVICES, INC.
1
10/30/01
3 Mt. Prospect Ave. Clifton, NJ 07013
FIXED DIP DELAY LINE
TD/TR = 5
(SERIES 1504)
FEATURES
PACKAGE
•
Fast rise time for high frequency applications
•
Delays as large as 1000ns available
•
Low DC resistance
•
Standard 16-pin DIP package
•
Epoxy encapsulated
•
Meets or exceeds MIL-D-23859C
FUNCTIONAL DESCRIPTION
The 1504-series device is a fixed, single-input, single-output, passive delay
line. The signal input (IN) is reproduced at the output (OUT), shifted by a
time (TD) given by the device dash number. The characteristic impedance
of the line is given by the letter code that follows the dash number (See
Table). The rise time (TR) of the line is 20% of TD, and the 3dB bandwidth is given by 1.75 / TD.
SERIES SPECIFICATIONS
•
Dielectric breakdown:
50 Vdc
•
Distortion @ output:
10% max.
•
Operating temperature:
-55
°C to +125°C
•
Storage temperature:
-55
°C to +125°C
•
Temperature coefficient:
100 PPM/
°C
DASH NUMBER SPECIFICATIONS
Part
Number
Delay
(ns)
Imped
(
Ω
Ω)
RDC
(
Ω
Ω)
Part
Number
Delay
(ns)
Imped
(
Ω
Ω)
RDC
(
Ω
Ω)
Part
Number
Delay
(ns)
Imped
(
Ω
Ω)
RDC
(
Ω
Ω)
1504-20A
20
± 1.0
50
1.0
1504-160C
160
± 8.0
200
7.0
1504-40F
40
± 2.0
400
8.5
1504-25A
25
± 1.3
50
1.0
1504-180C
180
± 9.0
200
8.5
1504-80F
80
± 4.0
400
9.0
1504-30A
30
± 1.5
50
1.2
1504-240C
240
± 12.0
200
9.5
1504-120F
120
± 6.0
400
9.0
1504-40A
40
± 2.0
50
1.5
1504-300C
300
± 15.0
200
16.0
1504-160F
160
± 8.0
400
16.0
1504-45A
45
± 2.3
50
1.5
1504-400C
400
± 20.0
200
18.0
1504-200F
200
± 10.0
400
18.0
1504-60A
60
± 3.0
50
1.5
1504-25D
25
± 1.3
250
5.0
1504-240F
240
± 12.0
400
20.0
1504-75A
75
± 3.8
50
1.8
1504-50D
50
± 2.5
250
5.5
1504-320F
320
± 16.0
400
26.0
1504-100A
100
± 5.0
50
2.0
1504-75D
75
± 3.8
250
6.0
1504-360F
360
± 18.0
400
28.0
1504-10B
10
± 1.0
100
1.0
1504-100D
100
± 5.0
250
7.0
1504-480F
480
± 24.0
400
38.0
1504-20B
20
± 1.0
100
1.5
1504-125D
125
± 6.3
250
8.0
1504-600F
600
± 30.0
400
45.0
1504-30B
30
± 1.5
100
1.5
1504-150D
150
± 7.5
250
8.5
1504-800F
800
± 40.0
400
40.0
1504-40B
40
± 2.0
100
1.8
1504-200D
200
± 10.0
250
10.0
1504-50G
50
± 2.5
500
6.0
1504-50B
50
± 2.5
100
2.0
1504-225D
225
± 12.0
250
11.0
1504-100G
100
± 5.0
500
10.0
1504-60B
60
± 3.0
100
3.0
1504-300D
300
± 15.0
250
17.0
1504-150G
150
± 7.5
500
16.0
1504-80B
80
± 4.0
100
3.5
1504-375D
375
± 18.8
250
20.0
1504-200G
200
± 10.0
500
30.0
1504-100B
100
± 5.0
100
4.0
1504-500D
500
± 25.0
250
24.0
1504-220G
220
± 11.0
500
31.0
1504-120B
120
± 6.0
100
4.0
1504-30E
30
± 1.5
300
5.0
1504-250G
250
± 12.5
500
25.0
1504-150B
150
± 7.5
100
5.0
1504-60E
60
± 3.0
300
6.0
1504-300G
300
± 15.0
500
26.0
1504-200B
200
± 10.0
100
6.0
1504-90E
90
± 4.5
300
7.0
1504-380G
380
± 19.0
500
33.0
1504-250B
250
± 12.5
100
7.0
1504-120E
120
± 6.0
300
8.0
1504-400G
400
± 20.0
500
42.0
1504-20C
20
± 1.0
200
3.0
1504-150E
150
± 7.5
300
9.0
1504-450G
450
± 22.5
500
45.0
1504-40C
40
± 2.0
200
4.0
1504-180E
180
± 9.0
300
11.0
1504-500G
500
± 25.0
500
55.0
1504-60C
60
± 3.0
200
4.5
1504-240E
240
± 12.0
300
16.0
1504-600G
600
± 30.0
500
58.0
1504-80C
80
± 4.0
200
5.5
1504-270E
270
± 13.5
300
18.0
1504-750G
750
± 37.5
500
50.0
1504-100C
100
± 5.0
200
6.0
1504-360E
360
± 18.0
300
21.0
1504-1000G
1000
± 50
500
65.0
1504-120C
120
± 6.0
200
6.5
1504-450E
450
± 22.5
300
24.0
1504-140C
140
± 7.0
200
7.0
1504-600E
600
± 30.0
300
40.0
©
©2001 Data Delay Devices
data
delay
devices, inc.
®
®
3
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
IN
N/C
N/C
N/C
OUT
N/C
N/C
GND
N/C
N/C
N/C
N/C
N/C
N/C
N/C
N/C
1504-xxz
xx = Delay (TD)
z = Impedance Code
PIN DESCRIPTIONS
IN
Signal Input
OUT
Signal Output
GND
Ground
Functional Diagram
GND
IN
OUT


Similar Part No. - 1504

ManufacturerPart #DatasheetDescription
logo
Marathon Special Produc...
1504 MARATHON-1504 Datasheet
230Kb / 3P
Replace XX with 02, 04, 06, 08 or 12 for number of poles
REV-B 11/06/2019
logo
Heyco.
1504 HEYCO-1504 Datasheet
121Kb / 1P
Original Strain Relief Bushings
logo
List of Unclassifed Man...
15040 ETC1-15040 Datasheet
219Kb / 5P
Normal Wall Flame Retardant Heat Shrink Tubing
logo
Festo Corporation.
15040 FESTO-15040 Datasheet
109Kb / 1P
Cartridge cylinder
logo
Heyco.
15040 HEYCO-15040 Datasheet
140Kb / 1P
Rotary Dampers – 20° Pressure Angle Series
More results

Similar Description - 1504

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1519-20A ETC-1519-20A Datasheet
43Kb / 3P
10-TAP DIP DELAY LINE TD/TR = 5
logo
Data Delay Devices, Inc...
1513 DATADELAY-1513 Datasheet
31Kb / 2P
FIXED SIP DELAY LINE TD/TR = 5
1514 DATADELAY-1514 Datasheet
32Kb / 2P
FIXED SIP DELAY LINE TD/TR = 5
1515 DATADELAY-1515 Datasheet
32Kb / 2P
FIXED SIP DELAY LINE TD/TR = 10
1516 DATADELAY-1516 Datasheet
35Kb / 3P
5-TAP DIP/SMD DELAY LINE TD/TR = 3
1517 DATADELAY-1517 Datasheet
36Kb / 2P
5-TAP DIP DELAY LINE TD/TR = 3
1519 DATADELAY-1519 Datasheet
39Kb / 3P
10-TAP DIP DELAY LINE TD/TR = 5
1520 DATADELAY-1520 Datasheet
350Kb / 3P
10-TAP DIP/SMD DELAY LINE TD/TR = 5
2211 DATADELAY-2211 Datasheet
43Kb / 3P
FIXED DIP DELAY LINE TD/TR = 10
2214 DATADELAY-2214 Datasheet
46Kb / 3P
20-TAP DIP DELAY LINE TD/TR = 10
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com