Electronic Components Datasheet Search
  English  ▼

X  

XC612 Datasheet(PDF) 2 Page - Torex Semiconductor

Part # XC612
Description  CMOS Low Power Consumption
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC612 Datasheet(HTML) 2 Page - Torex Semiconductor

  XC612 Datasheet HTML 1Page - Torex Semiconductor XC612 Datasheet HTML 2Page - Torex Semiconductor XC612 Datasheet HTML 3Page - Torex Semiconductor XC612 Datasheet HTML 4Page - Torex Semiconductor XC612 Datasheet HTML 5Page - Torex Semiconductor XC612 Datasheet HTML 6Page - Torex Semiconductor XC612 Datasheet HTML 7Page - Torex Semiconductor XC612 Datasheet HTML 8Page - Torex Semiconductor XC612 Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
XC612 Series
170
2
■Pin Configuration
■Pin Assignment
■Product Classification
GSelection Guide
GOrdering Information
SOT-25
(TOP VIEW)
5
4
VDET2
VDET1
VIN2
VIN1
VSS
1
3
2
PIN NUMBER
1
PIN NAME
FUNCTION
2
4
5
Detector 1 input,
Power Supply.
Voltage Detector 1 output
Voltage Detector 2 Input
Voltage Detector 2 Output
3
Ground
VDET1
VIN2
VDET2
VIN1
VSS
Type
VDET1
VDET2
XC612N
N-ch Open drain
N-ch Open drain
XC612D
N-ch Open drain
CMOS
XC612E
CMOS
N-ch Open drain
↑ ↑ ↑↑↑
a
b c d e
XC612 x x x x x x x
e.g.33=3.3V
50=5.0V
DESIGNATOR
a
d
e
b
c
DESCRIPTION
DESIGNATOR
DESCRIPTION
Output Configuration:
N=N-Channel Open Drain
D=VDET1 N-ch Open Drain, VDET2 CMOS
E=VDET1 CMOS, VDET2 N-ch Open Drain
Detect Voltage (VDET1)
e.g.25=2.5V
38=3.8V
Detect Voltage (VDET2)
Package Type:
M=SOT-25
Device Orientation
R=Embossed Tape (Orientation of Device: Right)
L=Embossed Tape (Orientation of Device: Left)
02S_05XC612 02.09.12 14:15 ページ 170



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com