Electronic Components Datasheet Search
  English  ▼

X  

PB1111 Datasheet(PDF) 2 Page - Schurter Inc.

Part # PB1111
Description  PB 1111 Test Jack, PCB Mounting, 횠 2 mm, 10 A
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

PB1111 Datasheet(HTML) 2 Page - Schurter Inc.

  PB1111 Datasheet HTML 1Page - Schurter Inc. PB1111 Datasheet HTML 2Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
Test Jacks & Probes
PB 1111
https://www.schurter.com /PG08
Appliance Inlet
Dimensions [mm]
3.5
12.5
4
7.6
4.25
±0.1
1.1
16
0.3
+0.1
0
7.6 ±0.1
All Variants
Product group
Color
Order Number
Test Jack
black
0040.1111
█
Test Jack
red
0040.1112
█ Most Popular.
Availability for all products can be searched real-time:https://www.schurter.
com/en/Stock-Check/Stock-Check-SCHURTER
Packaging unit
100 Pcs
Mating Inlets/Plugs
Category / Description
Test Jacks & Probes Overview complete
PS 1061, 10 A, Test Probe
PS 1061
The specifications, descriptions and illustrations indicated in this document are based on current
information. All content is subject to modifications and amendments. Information furnished is believed
to be accurate and reliable. However, users should independently evaluate the suitability and test each
product selected for their own applications.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com