Electronic Components Datasheet Search
  English  ▼

X  

7311S-DF Datasheet(PDF) 1 Page - NIHON DEMPA KOGYO

Part # 7311S-DF
Description  Simple Packaged Crystal Oscillator
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NDK [NIHON DEMPA KOGYO]
Direct Link  http://www.ndk.com/en
Logo NDK - NIHON DEMPA KOGYO

7311S-DF Datasheet(HTML) 1 Page - NIHON DEMPA KOGYO

  7311S-DF Datasheet HTML 1Page - NIHON DEMPA KOGYO  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
co25_080919_7311S-DF_e
mm
PAD No.
Connection
#1
#2
#3
#4
#5
#6
STAND-BY
N.C
GND
OUTPUT
OUTPUT
VCC
7.0 ± 0.1
5.08 ± 0.1
#1
#2
#4
#5
#6
#3
Reference land pattern
1.4 ± 0.1
5.08
1.6
2.54
Cby=0.01μF
Pb
Free
n Dimensions
n Specifications
Simple Packaged Crystal Oscillator (SPXO) 7300 Series
Model Name 7311S-DF
For SONET-, SDH-, and GbEthernet-related equipment
Crystal Oscillator
n Features
n Main Application
l Power supply voltage is 2.5V, LV-PECL output level.
l Output frequency range are 62.5 to 313 MHz.
l Ultra-compact with dimensions of 7.0 x 5.0 x 1.7 mm.
l Surface-mount crystal oscillator.
#1 Input
Level H (VIH ≥ 0.7 Vcc)
or OPEN
Level L (VIL ≤ 0.3 Vcc)
#4 and #5 output
Oscillation output ON
High impedance
n Standby Function Table (Tristate)
When ordering +3.3 V, Max. ±100×10−6/0 to 85°C, 156.25 MHz
7311S-DF-104X-156.25M-NSA3346A
If you have any queries concerning our standard frequencies
and numbers for specifying orders, please contact our sales
representatives or visit our homepage (http://www.ndk.com/).
––
M
Number for
specifying an order
Frequency
(up to 8 digits)
Model name
n How to Specify an Order
Comprehensive
frequency stability
Nominal frequency range (MHz)
62.5 ≤ F < 220
Max. ±25×10−6/0 to 70 °C
Max. ±50×10−6/0 to 85 °C
Max. ±100×10−6/0 to 85 °C
NSA3344A
NSA3345A
NSA3346A
220 ≤ F ≤ 313
−
NSA3345E
NSA3346E
n Number for specifying an order (+3.3V LV-PECL)
62.5 to 220
220 to 313
+3.3 ± 10 %
50 (to VCC−2.0 V)
Max. 90 mA (60 mA typ.)
Max. 30 μA
PECL level (Complementary)
0 to +70, 0 to +85
0 to +85
Max. ±25×10−6/ 0 to +70 ℃ (255R)
Max. ±50×10−6/ 0 to +85 ℃ (505X)
Max. ±50×10−6/ 0 to +85 ℃ (505X)
Max. ±100×10−6/ 0 to +85 ℃ (104X)
Max. ±100×10−6/ 0 to +85 ℃ (104X)
45 to 55 (at 50 % Waveform)
Max. 1 ps (12 kHz to 20 MHz)
Available
Item
Model
Classification
Nominal frequency range (MHz)
Power supply voltage [VCC] (V)
Load (Ω)
Current
During operation
consumption
During standby
Output level
Operating temperature range (℃)
Frequency stability
Duty cycle (%)
Phase jitter (RMS)
Standby function (tristate)
7311S
DF-XXXX (XXXX : 255R, 505X, 104X)


Similar Part No. - 7311S-DF

ManufacturerPart #DatasheetDescription
logo
NIHON DEMPA KOGYO
7311S-DF-104P NDK-7311S-DF-104P Datasheet
469Kb / 2P
Crystal Oscillator
7311S-DF-104X NDK-7311S-DF-104X Datasheet
469Kb / 2P
Simple Packaged Crystal Oscillator (SPXO) 7300 Series
7311S-DF-255R NDK-7311S-DF-255R Datasheet
469Kb / 2P
Simple Packaged Crystal Oscillator (SPXO) 7300 Series
7311S-DF-505P NDK-7311S-DF-505P Datasheet
469Kb / 2P
Simple Packaged Crystal Oscillator (SPXO) 7300 Series
7311S-DF-505X NDK-7311S-DF-505X Datasheet
375Kb / 1P
Simple Packaged Crystal Oscillator (SPXO) 7300 Series
More results

Similar Description - 7311S-DF

ManufacturerPart #DatasheetDescription
logo
NIHON DEMPA KOGYO
7311S-GF NDK-7311S-GF Datasheet
88Kb / 1P
Simple Packaged Crystal Oscillator (SPXO)
7311S-GG NDK-7311S-GG Datasheet
87Kb / 1P
Simple Packaged Crystal Oscillator (SPXO)
7311S-DG NDK-7311S-DG Datasheet
87Kb / 1P
Simple Packaged Crystal Oscillator (SPXO)
NP5032SB NDK-NP5032SB Datasheet
635Kb / 2P
Simple Packaged Crystal Oscillator (SPXO)
NP3225SA NDK-NP3225SA_18 Datasheet
620Kb / 1P
Simple Packaged Crystal Oscillator
NP3225SB NDK-NP3225SB_18 Datasheet
625Kb / 1P
Simple Packaged Crystal Oscillator
NP3225SC NDK-NP3225SC_18 Datasheet
621Kb / 1P
Simple Packaged Crystal Oscillator
NP5032SA NDK-NP5032SA_18 Datasheet
601Kb / 1P
Simple Packaged Crystal Oscillator
NP5032SB NDK-NP5032SB_18 Datasheet
606Kb / 1P
Simple Packaged Crystal Oscillator
NP5032SC NDK-NP5032SC_18 Datasheet
593Kb / 1P
Simple Packaged Crystal Oscillator
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com